Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC5067N Datasheet(PDF) 1 Page - STMicroelectronics

Part # ETC5067N
Description  SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5067N Datasheet(HTML) 1 Page - STMicroelectronics

  ETC5067N Datasheet HTML 1Page - STMicroelectronics ETC5067N Datasheet HTML 2Page - STMicroelectronics ETC5067N Datasheet HTML 3Page - STMicroelectronics ETC5067N Datasheet HTML 4Page - STMicroelectronics ETC5067N Datasheet HTML 5Page - STMicroelectronics ETC5067N Datasheet HTML 6Page - STMicroelectronics ETC5067N Datasheet HTML 7Page - STMicroelectronics ETC5067N Datasheet HTML 8Page - STMicroelectronics ETC5067N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ETC5064/64-X
ETC5067/67-X
September 2003
POWER AMPLIFIER
SERIAL INTERFACE CODEC/FILTER WITH RECEIVE
®
ORDERING NUMBERS:
ETC5064FN
ETC5064FN-X
ETC5067FN
ETC5067FN-X
.
COMPLETE CODEC AND FILTERING SYS-
TEM INCLUDING :
- Transmit high-pass and low-pass filtering.
- Receive low-pass filter with sin x/x correction.
- Active RC noise filter.
- µ-law or A-law compatible CODER and DE-
CODER.
- Internal precision voltage reference.
- Serial I/O interface.
- Internal auto-zero circuitry.
- Receive push-pull power amplifiers.
.µ
-LAW ETC5064
.
A-LAW ETC5067
.
MEETS OR EXCEEDS ALL D3/D4 AND CCITT
SPECIFICATIONS.
.±
5 V OPERATION.
.
LOW OPERATING POWER-TYPICALLY 70 mW
.
POWER-DOWN STANDBY MODE-TYPICALLY
3 mW
.
AUTOMATIC POWER DOWN
.
TTL OR CMOS COMPATIBLE DIGITAL INTER-
FACES
.
MAXIMIZES LINE INTERFACE CARD CIR-
CUIT DENSITY
.
0
°C TO 70°C OPERATION: ETC5064/67
.
–40
°C TO 85°C OPERATION: ETC5064-X/67-X
DESCRIPTION
The ETC5064 (
µ-law), ETC5067 (A-law) are mono-
lithic PCM CODEC/FILTERS utilizing the A/D and
D/A conversion architecture shown in the Block Dia-
grams and a serial PCM interface. The devices are
fabricated using double-poly CMOS process.
Similar to the ETC505X family, these devices fea-
ture an additional Receive Power Amplifier to pro-
vide push-pull balanced output drive capability. The
receive gain can be adjusted by means of two ex-
ternal resistors for an output level of up to
± 6.6 V
across a balanced 600
Ω load.
Also included is an Analog Loopback switch and
TSX output.
DIP20
(Plastic) N
PLCC20
FN
SO20
D
ORDERING NUMBERS:
ETC5064N
ETC5064N-X
ETC5067N
ETC5067N-X
ORDERING NUMBERS:
ETC5064D
ETC5064D-X
ETC5067D
ETC5067D-X
1/18
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ETC5067N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ETC5067N STMICROELECTRONICS-ETC5067N Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
ETC5067N-X STMICROELECTRONICS-ETC5067N-X Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
More results

Similar Description - ETC5067N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3054 NSC-TP3054 Datasheet
250Kb / 16P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 NSC-TP3064 Datasheet
276Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
TP3069 NSC-TP3069 Datasheet
275Kb / 18P
Enhanced' Serial Interface CMOS CODEC/Filter COMBO
logo
STMicroelectronics
ETC5054 STMICROELECTRONICS-ETC5054 Datasheet
153Kb / 18P
SERIAL INTERFACE CODEC/FILTER
Mar-2000
ETC5064 STMICROELECTRONICS-ETC5064 Datasheet
270Kb / 18P
POWER AMPLIFIER SERIAL INTERFACE CODEC/FILTERWITH RECEIVE
Nov-1994
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
National Semiconductor ...
TP3054-X NSC-TP3054-X Datasheet
671Kb / 16P
Extended Temperature Serial Interface CODEC/Filter COMBO Family
logo
Texas Instruments
TP3057WMX TI1-TP3057WMX Datasheet
299Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3054 TI1-TP3054_11 Datasheet
323Kb / 18P
Enhanced Serial Interface CODEC/Filter COMBO Family
TP3064 TI1-TP3064_11 Datasheet
347Kb / 20P
Enhanced Serial Interface CMOS CODEC/Filter COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com