Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1521 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISCXI-1521
Description  SCXI Quarter-Bridge Strain Gage Input Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1521 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISCXI-1521 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1521 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1521 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Overview
The National Instruments SCXI-1521 and SCXI-1521B are quarter-
bridge strain gage input modules that offer all of the features you need
for high-channel-count applications. Each NI SCXI-1521/B is shipped
with a NIST-traceable calibration certificate.
Each SCXI-1521/B module can multiplex its signals into a single
channel of the controlling DAQ device, and you can add more
modules to increase channel count.
Analog Input
Each of the 24 analog inputs of the SCXI-1521/B consists of a
quarter-bridge completion resistor (350
Ω for the SCXI-1521 and
120
Ω for the SCXI-1521B),and a 10 Hz,2-pole Butterworth filter.
You can program the excitation over 1024 different levels from 0 to
5 V. The 2-pole Butterworth filters provides lowpass filtering to block
noise and ensure measurement accuracy.
Calibration
The SCXI-1521/B modules provide simple yet powerful calibration
capabilities. Each module has an onboard calibration EEPROM that
stores calibration constants for each channel; factory calibration
constants are stored in a protected area of the EEPROM.
NI-DAQ traditional and NI-DAQmx transparently use the
calibration constants to correct for gain and offset errors for
each channel.
Null Compensation
Each input channel of an SCXI-1521/B includes a circuit to remove
bridge offset voltage. Driver software nulls the offset voltage to zero
in seconds. You do not need to manually adjust a potentiometer. By
removing this offset through the measurement hardware, you can
achieve better measurement resolution.
Shunt Calibration
Each input channel of an SCXI-1521/B includes an accurate and
stable shunt calibration resistor with which you can progamatically
simulate loading effects on your strain gage to compensate for
strain gage errors. The shunt calibration resistors located inside of
the module. You enable or disable the shunt resistors through
software commands.
Measurement Services Software
NI-DAQmx is the robust measurement services software included with all
National Instruments data acquisition and signal conditioning products.
This easy-to-use software tightly integrates the full functionality of your
DAQ hardware to LabVIEW, LabWindows/CVI, and Measurement Studio
for Visual Basic. High-performance features include multidevice
synchronization, networked measurements, and DMA data management.
Bundled with NI-DAQmx, the Measurement & Automation Explorer
(MAX) utility simplifies the configuration of your measurement hardware
with device test panels, interactive measurements, and scaled I/O channels.
NI-DAQmx also provides numerous example programs for LabVIEW
and other application development environments to get you started with
your application quickly.
SCXI Quarter-Bridge Strain Gage Input Module
• 24 quarter-bridge strain gage inputs1
• 350
Ω (SCXI-1521)
• 120
Ω (SCXI-1521B)
• Programmable excitation
(0 to 5 V) per channel
• Programmable shunt and null
calibration per channel
• 10 Hz filter per channel
• Onboard quarter-bridge completion
and shunt calibration resistors
• NI-DAQmx 7.3 simplifies
configuration and measurements
Operating Systems
• Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabWindows/CVI
• Measurement Studio
Other Compatible Software
• Visual Basic, C, C++
Measurement Services
Software (included)
• NI-DAQmx 7.3
Calibration Certificate Included
1For half-bridge or full-bridge strain gage
measurements, please consider the SCXI-1520.
NI SCXI-1521, NI SCXI-1521B
NEW
Terminal Block
Type
CJ Sensor
Compatible Modules
Cabling
Special Functions
Part Number
SCXI-1317
Screw terminals
–
SCXI-1521 & SCXI-1521B
–
–
777687-17
Front-mounting
Table 1. Terminal Block Options for the SCXI-1521/B


Similar Part No. - NISCXI-1521

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCXI-1521 NI-NISCXI-1521 Datasheet
582Kb / 3P
24 quarter-bridge strain gage inputs/Programmable excitation
NISCXI-1521B NI-NISCXI-1521B Datasheet
582Kb / 3P
24 quarter-bridge strain gage inputs/Programmable excitation
More results

Similar Description - NISCXI-1521

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
5B38 AD-5B38 Datasheet
699Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
3B20 AD-3B20 Datasheet
357Kb / 8P
AC Strain Gage, Torque Transducer Input
logo
National Instruments Co...
SCXI-1521 NI-SCXI-1521 Datasheet
582Kb / 3P
24 quarter-bridge strain gage inputs/Programmable excitation
NISCX-1121B NI-NISCX-1121B Datasheet
582Kb / 3P
SCXI Quarter-Bridge Strain Gage Input Module
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Analog Devices
3B16 AD-3B16_15 Datasheet
358Kb / 8P
Narrow Bandwidth Strain Gage Input
REV. 0
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
Strain Gage Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com