Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU3N62K3 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STU3N62K3
Description  N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N62K3 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STU3N62K3 Datasheet HTML 12Page - STMicroelectronics STU3N62K3 Datasheet HTML 13Page - STMicroelectronics STU3N62K3 Datasheet HTML 14Page - STMicroelectronics STU3N62K3 Datasheet HTML 15Page - STMicroelectronics STU3N62K3 Datasheet HTML 16Page - STMicroelectronics STU3N62K3 Datasheet HTML 17Page - STMicroelectronics STU3N62K3 Datasheet HTML 18Page - STMicroelectronics STU3N62K3 Datasheet HTML 19Page - STMicroelectronics STU3N62K3 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
STB3N62K3, STD3N62K3, STF3N62K3, STP3N62K3, STU3N62K3
Revision history
Doc ID 14894 Rev 2
19/20
6
Revision history
Table 10.
Document revision history
Date
Revision
Changes
10-Jul-2008
1
First release
17-Aug-2009
2
Modified: marking of the
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com