Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU40N2LH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU40N2LH5
Description  N-channel 25V, 0.01 OHM, 40A, DPAK, IPAK STripFET V Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU40N2LH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STU40N2LH5 Datasheet HTML 1Page - STMicroelectronics STU40N2LH5 Datasheet HTML 2Page - STMicroelectronics STU40N2LH5 Datasheet HTML 3Page - STMicroelectronics STU40N2LH5 Datasheet HTML 4Page - STMicroelectronics STU40N2LH5 Datasheet HTML 5Page - STMicroelectronics STU40N2LH5 Datasheet HTML 6Page - STMicroelectronics STU40N2LH5 Datasheet HTML 7Page - STMicroelectronics STU40N2LH5 Datasheet HTML 8Page - STMicroelectronics STU40N2LH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2009
Doc ID 14919 Rev 3
1/15
15
STD40N2LH5
STU40N2LH5
N-channel 25 V, 0.01
Ω, 40 A, DPAK, IPAK
STripFET™ V Power MOSFET
Features
■ RDS(on) * Qg industry benchmark
■ Extremely low on-resistance RDS(on)
■ Very low switching gate charge
■ High avalanche ruggedness
■ Low gate drive power losses
Application
■ Switching applications
Description
This STripFET™ V Power MOSFET technology
is among the latest improvements, which have
been especially tailored to achieve very low on-
state resistance providing also one of the best-in-
class figure of merit (FOM).
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STD40N2LH5
25 V
0.0118
Ω
40 A
STU40N2LH5
25 V
0.0124
Ω
40 A
DPAK
1
3
3
2
1
IPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STD40N2LH5
40N2LH5
DPAK
Tape and reel
STU40N2LH5
40N2LH5
IPAK
Tube
www.st.com


Similar Part No. - STU40N2LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU40N2LH5 STMICROELECTRONICS-STU40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
logo
VBsemi Electronics Co.,...
STU40N2LH5 VBSEMI-STU40N2LH5 Datasheet
861Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STU40N2LH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD35NF3LL STMICROELECTRONICS-STD35NF3LL Datasheet
468Kb / 10P
N-CHANNEL 30V - 0.014 ohm - 35A IPAK/DPAK STripFET™ II POWER MOSFET
Feb-2002
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
STD40NF06 STMICROELECTRONICS-STD40NF06 Datasheet
448Kb / 9P
N-CHANNEL 60V - 0.024 ohm - 40A DPAK STripFET™II POWER MOSFET
January 2003
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
19-Jul-2006
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
27-Oct-2006
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
N-channel 25 V, 0.01 Ω, 40 A, DPAK, IPAK STripFET??V Power MOSFET
23-Sep-2008
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
N-channel 25V - 0.0068Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
25-Oct-2007
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
N-channel 25V - 0.0052Ω - 60A - DPAK - IPAK STripFET??III Power MOSFET
24-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com