Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP75NF68 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP75NF68
Description  N-channel 68 V, 0.010 OHM, 80 A, TO-220 STripFET II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75NF68 Datasheet(HTML) 1 Page - STMicroelectronics

  STP75NF68 Datasheet HTML 1Page - STMicroelectronics STP75NF68 Datasheet HTML 2Page - STMicroelectronics STP75NF68 Datasheet HTML 3Page - STMicroelectronics STP75NF68 Datasheet HTML 4Page - STMicroelectronics STP75NF68 Datasheet HTML 5Page - STMicroelectronics STP75NF68 Datasheet HTML 6Page - STMicroelectronics STP75NF68 Datasheet HTML 7Page - STMicroelectronics STP75NF68 Datasheet HTML 8Page - STMicroelectronics STP75NF68 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2008
Rev 2
1/12
12
STP75NF68
N-channel 68 V, 0.010
Ω, 80 A, TO-220
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable in advanced high-efficiency switching
applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STP75NF68
68 V
< 0.014
Ω
80 A
1
2
3
TO-220
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP75NF68
75NF68
TO-220
Tube
www.st.com


Similar Part No. - STP75NF68

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP75NF68 ISC-STP75NF68 Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP75NF68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET™ II POWER MOSFET
Feb-2002
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STP22NF03L STMICROELECTRONICS-STP22NF03L_08 Datasheet
536Kb / 12P
N-channel 30 V, 0.0038 Ω, 22 A, TO-220 STripFET™II Power MOSFET
08-Oct-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STP80NF70 STMICROELECTRONICS-STP80NF70 Datasheet
429Kb / 13P
N-channel 68 V, 0.0082 Ω, 98 A, TO-220 STripFET™II Power MOSFET
11-Jun-2010
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
24-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com