Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD82551IT Datasheet(PDF) 2 Page - Intel Corporation

Part # GD82551IT
Description  Fast Ethernet PCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82551IT Datasheet(HTML) 2 Page - Intel Corporation

  GD82551IT Datasheet HTML 1Page - Intel Corporation GD82551IT Datasheet HTML 2Page - Intel Corporation GD82551IT Datasheet HTML 3Page - Intel Corporation GD82551IT Datasheet HTML 4Page - Intel Corporation GD82551IT Datasheet HTML 5Page - Intel Corporation GD82551IT Datasheet HTML 6Page - Intel Corporation GD82551IT Datasheet HTML 7Page - Intel Corporation GD82551IT Datasheet HTML 8Page - Intel Corporation GD82551IT Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 102 page
background image
ii
Datasheet
Revision History
Revision Date
Revision
Description
Oct 2003
3.0
•
Initial draft for release (non-classified).
Sep 2004
3.1
•
Added references to the MDI/MDI-X feature.
•
Added lead-free information.
•
Removed EEPROM Map bit descriptions. These descriptions can now be found in
the 82551QM/ER/IT EEPROM Map and Programming Information.
•
Added 82551IT Test Port Functionality (Chapter 10).
•
Added new values for RBIAS100 and RBIAS10. RBIAS100 = 649
and RBIAS10
= 619
.
•
Removed all references to the 82551ER and 82551QM controllers. 82551ER and
82551QM information can now be found in their respective datasheets.
Nov 2004
3.2
•
Updated the section describing “Multiple Priority Transmit Queues”.
•
Updated the section describing “VLAN Support”.
•
Added information about migrating from a 2-layer 0.36 mm wide-trace substrate to
a 2-layer 0.32 mm wide-trace substrate. Refer to the section on Package and Pin-
out Information.
•
Added statement that no changes to existing soldering processes are needed for
the 2-layer 0.32 mm wide-trace substrate change in the section describing “Pack-
age Information”.
Jan 2005
3.3
•
Added a note for PHY signals RBIAS100 and RBIAS10 to Table 8.
April 2005
3.4
•
Corrected the note in section 11stating that the maximum rating for the Case Tem-
perature under Stress for the 82551QM/ER is 70° C instead of 85° C.
July 2005
3.5
•
Corrected the X1 Clock Specifications for symbol Tx1_pr from ±50 ppm to ±30
ppm.
Oct 2006
3.6
•
Added Figure 28 “196 PBGA Package Pad Detail”. The figure shows solder resist
opening and metal diameter dimensions.
Feb 2007
3.7
•
Updated section 11.1 “Absolute Maximum Ratings”.
Sept 2007
3.8
•
Added Section 13 “Reference Schematics”, updated Section 11.1 (changed Tcase
to ambient) and added ordering information to Section 1.4.
Sept 2007
3.9
•
Updated Figures 31 and 32. Added Digital I/O and Crystal Input One (X1) Charac-
teristics (Tables 52 and 53). Updated Section 5.6.4.
March 2008
4.0
•
Updated Figure 32: changed TEST pull down resistor value (62 K
 to 1 K).
Nov 2008
4.1
•
Updated Table 12 (changed words 30h:33h to reserved).
•
Updated Table 8 (X1 and X2 pin descriptions).
•
Updated Tables 52 and 53 (Digital I/O and crystal input one (X1) characteristics).
Information in this document is provided in connection with Intel products. No license, express or implied, by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability
whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to
fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not
intended for use in medical, life saving, or life sustaining applications.
Intel may make changes to specifications and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked "reserved" or "undefined." Intel reserves these for
future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
The 82551IT may contain design defects or errors known as errata which may cause the product to deviate from published specifications. Current
characterized errata are available on request.
Contact your local Intel sales office or your distributor to obtain the latest specifications and before placing your product order.
Copies of documents which have an ordering number and are referenced in this document, or other Intel literature, may be obtained from:
Intel Corporation
P.O. Box 5937
Denver, CO 80217-9808
or call in North America 1-800-548-4725, Europe 44-0-1793-431-155, France 44-0-1793-421-777, Germany 44-0-1793-421-333, other Countries 708-
296-9333
Intel
®
is a trademark or registered trademark of Intel Corporation or its subsidiaries in the United States and other countries.
Copyright © 2008, Intel Corporation.
* Other product and corporate names may be trademarks of other companies and are used only for explanation and to the owners’ benefit, without
intent to infringe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com