Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82562V Datasheet(PDF) 21 Page - Intel Corporation

Part # 82562V
Description  10/100 Mbps Platform LAN Connect
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82562V Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82562V Datasheet HTML 17Page - Intel Corporation 82562V Datasheet HTML 18Page - Intel Corporation 82562V Datasheet HTML 19Page - Intel Corporation 82562V Datasheet HTML 20Page - Intel Corporation 82562V Datasheet HTML 21Page - Intel Corporation 82562V Datasheet HTML 22Page - Intel Corporation 82562V Datasheet HTML 23Page - Intel Corporation 82562V Datasheet HTML 24Page - Intel Corporation 82562V Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Networking Silicon — 82562V
Datasheet
19
6.1.2
Register 1: Status Register Bit Definitions
10
Isolate
This bit allows the PHY to isolate the medium independent
interface. The PHY is disconnected from the LAN Connect
block on both the transmit and receive side.
0 =
Normal operation
1 =
Isolates internal medium independent interface
0RW
9
Restart Auto-
Negotiation
This bit restarts the Auto-Negotiation process and is self-
clearing.
0 =
Normal operation
1 =
Restart Auto-Negotiation process
0RW
SC
8
Duplex Mode
This bit controls the duplex mode when Auto-Negotiation is
disabled. When Auto-Negotiation is enabled this bit is read
only and always equals 1b.
When the PHY is placed in Loopback mode, the behavior of
the PHY shall not be affected by the status of this bit.
0 =
Half Duplex
1 =
Full Duplex
0RW/
RO
7
Collision Test
This bit is not used in the 82562V and has a default value of 1b.
(If it is used in other devices, it forces a collision in response to
the assertion of the transmit enable signal.)
1RW
6:0
Reserved
These bits are reserved and should be set to 0b.
0
RW
Bit(s)
Name
Description
Default
R/W
15
Reserved
This bit is reserved and should be set to 0b.
0
RO
14
100BASE-TX Full-
duplex
This bit enables 100BASE-TX full-duplex operation and is
dependent on ADV10. If ADV10 is active, the default
value is 0.
0 =
PHY unable to perform full-duplex 100BASE-TX
1 =
PHY able to perform full-duplex 100BASE-TX
1RO
13
100 Mbps Half-
duplex
This bit enables 100BASE-TX half-duplex operation and is
dependent on ADV10. If ADV10 is active, the default
value is 0.
0 =
PHY unable to perform half-duplex 100BASE-TX
1 =
PHY able to perform half-duplex 100BASE-TX
1RO
12
10 Mbps Full-
duplex
This bit enables 10BASE-T full duplex operation.
0 =
PHY unable to perform full-duplex 10BASE-T
1 =
PHY able to perform full-duplex 10BASE-T
1RO
11
10 Mbps Half-
duplex
This bit enables 10BASE-T half-duplex operation.
0 =
PHY unable to perform half-duplex 10BASE-T
1 =
PHY able to perform half-duplex 10BASE-T
1RO
10:7
Reserved
These bits are reserved and should be set to 0b.
0
RO
6
Management
Frames Preamble
Suppression
This bit allows the 82562V to receive management frames
with suppressed preamble.
0 =
PHY will not accept management frames with
preamble suppressed
1 =
PHY will accept management frames with preamble
suppressed
0RO
Bit(s)
Name
Description
Default
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com