Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82567 Datasheet(PDF) 21 Page - Intel Corporation

Part # 82567
Description  GbE Physical Layer Transceiver (PHY)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82567 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82567 Datasheet HTML 17Page - Intel Corporation 82567 Datasheet HTML 18Page - Intel Corporation 82567 Datasheet HTML 19Page - Intel Corporation 82567 Datasheet HTML 20Page - Intel Corporation 82567 Datasheet HTML 21Page - Intel Corporation 82567 Datasheet HTML 22Page - Intel Corporation 82567 Datasheet HTML 23Page - Intel Corporation 82567 Datasheet HTML 24Page - Intel Corporation 82567 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21
Datasheet—82567
Table 6.
Power Consumption–82567 with external Voltage regulator, 1.9V (VCC1P8)
Note:
The total solution power is the total amount of power from the 3.3V supply required for the 82567 to
operate. In its mathematical form:
solution power = (82567 current) * 3.3 V. The 3.3 V is assumed since this is the normal voltage rail provided to the
LAN solution.
‡
Refer to Fig. 2 for details of the implementation of V3.3WOL gated by a FET switch controlled by an OR
of WOL_EN and SLP_M#
State
Mode
3.3 V
Current
[mA]
1.9 V
Current
[mA]
1.05 V
Current
[mA]
82567
Power
[mW]
Solution
Power
[mW]
S0 - Max
1000Mbps Active, 90°c [Ta]
22
256
115
680
1297
1000Mbps Idle, 90°c [Ta]
22
256
110
675
1280
S0 - Typ
1000Mbps Active
22
254
112
673
1280
1000Mbps Idle
22
254
106
667
1261
100Mbps Active
25
72
18
238
380
100Mbps Idle
25
72
18
238
380
10Mbps Active
4
106
6
221
383
10Mbps Idle
4
64
6
141
244
Cable Disconnect (ACBS)
312437
63
Cable Disconnect (82567V only,
no ACBS)
323761
109
LAN Disable
3
6
3
24
40
SX
10Mbps Idle with WOL
4
64
6
141
244
WOL disabled in driver
3
6
3
24
40
WOL disabled in BIOS
3
6
3
24
40
WOL disabled in BIOS w/FET
switch‡
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com