Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34VL02 Datasheet(PDF) 1 Page - Microchip Technology

Part # 34VL02
Description  2K I2C Serial EEPROM Software Write-Protect
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34VL02 Datasheet(HTML) 1 Page - Microchip Technology

  34VL02 Datasheet HTML 1Page - Microchip Technology 34VL02 Datasheet HTML 2Page - Microchip Technology 34VL02 Datasheet HTML 3Page - Microchip Technology 34VL02 Datasheet HTML 4Page - Microchip Technology 34VL02 Datasheet HTML 5Page - Microchip Technology 34VL02 Datasheet HTML 6Page - Microchip Technology 34VL02 Datasheet HTML 7Page - Microchip Technology 34VL02 Datasheet HTML 8Page - Microchip Technology 34VL02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2008 Microchip Technology Inc.
DS22079A-page 1
34VL02
Features:
• Permanent and Resettable Software Write-Protect
for Lower Half of the Array (00h-7Fh)
• Single Supply with Operation Down to 1.5V
• Low-Power CMOS Technology:
- Read current 1 mA, typical
- Standby current, 100 nA, typical
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• ESD Protection > 4,000V
• Hardware Write Protection for Entire Array
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• 8-Lead PDIP, SOIC, TSSOP, MSOP and TDFN
packages
• 6-Lead SOT-23 Package
• Pb-free and RoHS Compliant
• Temperature Range:
- -20°C to +85°C
Device Selection Table
Package Types
Description:
The Microchip Technology Inc. 34VL02 is a 2 Kbit
Electrically Erasable PROM capable of operation
across a broad voltage range (1.5V to 3.6V). This
device has two software write-protect features for the
lower half of the array, as well as an external pin that
can be used to write-protect the entire array. This
allows the system designer to protect none, half, or all
of the array, depending on the application. The device
is organized as one block of 256 x 8-bit memory with a
2-wire serial interface. Low-voltage design permits
operation down to 1.5V, with standby and active cur-
rents of only 100 nA and 1 mA, respectively. The
34VL02 also has a page write capability for up to 16
bytes of data. The 34VL02 is available in the standard
8-pin PDIP, surface mount SOIC, TSSOP, MSOP and
TDFN packages. The 34VL02 is also available in the
6-lead, SOT-23 package.
Part Number
VCC
Range
Max. Clock
Frequency
34VL02
1.5-3.6
400 kHz(1)
Note 1:
100 kHz for VCC <1.8V
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
PDIP/SOIC/TSSOP/MSOP/TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
6
2
4
SDA
VCC
VSS
A0
A1
5
3
1
SCL
2K I2CSerial EEPROM Software Write-Protect


Similar Part No. - 34VL02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34VL020 ETC2-34VL020 Datasheet
77Kb / 2P
NEMA 34 Planetary Gearhead
34VL025 ETC2-34VL025 Datasheet
102Kb / 3P
NEMA 34 Planetary Gearhead
More results

Similar Description - 34VL02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com