Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL4002 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # PRLL4002
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

PRLL4002 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  PRLL4002 Datasheet HTML 1Page - EIC discrete Semiconductors PRLL4002 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRLL4001 - PRLL4002
SURFACE MOUNT
GLASS PASSIVATED JUNCTION
PRV : 50 - 100 Volts
Io : 1.6 Ampere
FEATURES :
* Glass passivated
* High maximum operating temperature
* Low leakage current
* Excellent stability
* Smallest surface mount rectifier outline
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Terminals : Plated Terminals, solderable per
MIL-STD-750 Method 2026
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.116 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified
SYMBOL
PRLL4001
PRLL4002
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
V
Maximum Continuous Reverse Voltage
VR
50
100
V
Maximum Average Forward Current
1.60
(1)
0.68
(2)
Maximum Non-Repetitive Peak Forward Surge Current
( Half sine wave; 60 Hz)
Maximum Repetitive Peak Forward Current
IFRM
10
A
Maximum Forward Voltage at IF = 1.0 A, TJ = 25 °C
VF
1.1
V
Maximum Reverse Current at VR = VRRMmax
TJ = 25 °C
IR
10
μA
TJ = 100 °C
IR(H)
50
μA
Thermal Resistance from Junction to Tie-Point
Rth j-tp
30
K / W
Thermal Resistance from Junction to Ambient (Note 3)
Rth j-a
150
K / W
Junction Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Notes :
(1) Ttp = 105 °C; averaged over any 20 ms period; see Fig. 1
(2) Tamb = 65 °C; averaged over any 20 ms period; see Fig. 1
(3) Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer ≥ 40 μm.
Page 1 of 2
Rev. 01 : November 11, 2006
RATING
IFSM
20
A
IF(AV)
A
Dimensions in inches and ( millimeters )
MELF (Plastic)
0.205(5.2)
0.189(4.8)
φ 0.102 (2.6)
0.094 (2.4)
0.022(0.55)
Cathode Mark
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - PRLL4002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRLL4002 PHILIPS-PRLL4002 Datasheet
23Kb / 5P
Rectifiers
1996 Jun 10
More results

Similar Description - PRLL4002

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
EIC discrete Semiconduc...
GN1A EIC-GN1A Datasheet
16Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
GN3A EIC-GN3A Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
EIC discrete Semiconduc...
PRLL4001A EIC-PRLL4001A Datasheet
107Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION
SM4001 EIC-SM4001 Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
SOD157-SH LRC-SOD157-SH Datasheet
313Kb / 11P
Surface Mount Glass Passivated Junction Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com