Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRLL4001A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # PRLL4001A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

PRLL4001A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  PRLL4001A Datasheet HTML 1Page - EIC discrete Semiconductors PRLL4001A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( PRLL4001A - PRLL4002A )
FIG.1 - MAXIMUM AVERAGE FORWARD CURRENT AS
A FUNCTION OF AMBIENT TEMPERATURE
0
100
200
AMBIENT TEMPERATURE, (
°C)
FIG.2 - FORWARD CURRENT AS S FUNCTION OF
FORWARD VOLTAGE; TYPICAL VALUES
0
0.5
1.0
1.5
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 00 : February 13, 2008
0.5
1.0
0
1.0
0.1
10
Ta = 100 °C
Ta = 20 °C
Ta
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com