Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14E3 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP14E3
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3 Datasheet(HTML) 4 Page - Microchip Technology

  MCP14E3 Datasheet HTML 1Page - Microchip Technology MCP14E3 Datasheet HTML 2Page - Microchip Technology MCP14E3 Datasheet HTML 3Page - Microchip Technology MCP14E3 Datasheet HTML 4Page - Microchip Technology MCP14E3 Datasheet HTML 5Page - Microchip Technology MCP14E3 Datasheet HTML 6Page - Microchip Technology MCP14E3 Datasheet HTML 7Page - Microchip Technology MCP14E3 Datasheet HTML 8Page - Microchip Technology MCP14E3 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 4
© 2008 Microchip Technology Inc.
Power Supply
Supply Voltage
VDD
4.5
—
18.0
V
Supply Current
IDD
—1.60
2.00
mA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—0.60
0.90
mA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—1.20
1.40
mA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—1.20
1.40
mA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—1.40
1.80
mA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = Low
IDD
—0.55
0.75
mA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—1.00
1.20
mA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—1.00
1.20
mA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = Low
DC CHARACTERISTICS (NOTE 2) (CONTINUED)
Electrical Specifications: Unless otherwise indicated, T
A = +25°C, with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Switching times ensured by design.
2: Tested during characterization, not production tested.
3: Package power dissipation is dependent on the copper pad area on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com