Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP98243
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243 Datasheet(HTML) 4 Page - Microchip Technology

  MCP98243 Datasheet HTML 1Page - Microchip Technology MCP98243 Datasheet HTML 2Page - Microchip Technology MCP98243 Datasheet HTML 3Page - Microchip Technology MCP98243 Datasheet HTML 4Page - Microchip Technology MCP98243 Datasheet HTML 5Page - Microchip Technology MCP98243 Datasheet HTML 6Page - Microchip Technology MCP98243 Datasheet HTML 7Page - Microchip Technology MCP98243 Datasheet HTML 8Page - Microchip Technology MCP98243 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
MCP9843/98243
DS22153C-page 4
© 2009 Microchip Technology Inc.
MCP98243 EEPROM DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 1.8V to 5.5V, GND = Ground,
and TA = -20°C to +125°C.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Power Supply
Operating Voltage Range
VDD
1.8
—
5.5
V
Current, EEPROM write
IDD_EE
—
1100
2000
µA
Sensor in Shutdown Mode (for tWC),
(Note 1)
Current, EEPROM read
IDD_EE
—
100
500
µA
Sensor in Shutdown Mode (Note 1)
Power On Reset (POR)
VPOR_EE
—
1.6
—
V
EEPROM
Write Cycle time (byte/page)
tWC
—3
5
ms
Endurance TA = +25°C
—
—
1M
—
cycles Number of Write Cycles, VDD = 5V (Note 2)
EEPROM Write Temperature
EEWRITE
0—
85
°C
EEPROM Read Temperature
EEREAD
-40
—
125
°C
For minimum read temperature, see Note 2
Write Protect Voltage
SWP and CWP Voltage
VHV
7
—
12
V
Applied at A0 pin (Note 3)
PWP Voltage
—
VDD
—V
Note 1:
For VDD ranges of 1.8V to the temperature sensor VPOR_TS, the temperature sensor becomes partially biased and
consumes 80 µA (typical) until the sensor POR resets and acknowledges a shutdown command. See Figure 2-15.
2:
Characterized but not production tested. For endurance estimates in a specific application, please consult the Total
Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.
3:
The range of voltage applied at A0 pin for Permanent Write Protect is GND to VDD + 1V. See Figure 2-13 and
Section 5.3.3 “Write Protection”.
INPUT/OUTPUT PIN DC CHARACTERISTICS (NOTE 1)
Electrical Specifications: Unless otherwise indicated, VDD = 1.8V to 5.5V, GND = Ground and
TA = -20°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Serial Input/Output (SCL, SDA, A0, A1, A2) (Note 2)
Input
High-level Voltage
VIH
0.7VDD
——
V
Low-level Voltage
VIL
——
0.3VDD
V
Input Current
IIN
—
—
±5
µA
SDA and SCL only
Input Impedance (A0, A1, A2)
ZIN
—1
—
M
Ω
VIN > VIH
Input Impedance (A0, A1, A2)
ZIN
—200
—
k
Ω
VIN < VIL
Output (SDA only)
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
High-level Current (leakage)
IOH
——
1
µA
VOH = VDD
Low-level Current
IOL
6—
—
mA
VOL = 0.6V
Capacitance
CIN
—5
—
pF
SDA and SCL Inputs
Hysteresis
VHYST
—
0.05VDD
—V
VDD > 2V
—0.1VDD
—V
VDD < 2V
Spike Supression
TSP
—
—
50
ns
Note 1: These specifications apply for the Temperature Sensor and EEPROM.
2: For VDD ranges of 1.8V to the temperature sensor VPOR_TS, the temperature sensor becomes partially
biased and consumes 80 µA (typical) until the sensor POR resets and acknowledges a shutdown
command. See Figure 2-15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com