Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ32GA Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24FJ32GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ32GA Datasheet(HTML) 3 Page - Microchip Technology

  PIC24FJ32GA Datasheet HTML 1Page - Microchip Technology PIC24FJ32GA Datasheet HTML 2Page - Microchip Technology PIC24FJ32GA Datasheet HTML 3Page - Microchip Technology PIC24FJ32GA Datasheet HTML 4Page - Microchip Technology PIC24FJ32GA Datasheet HTML 5Page - Microchip Technology PIC24FJ32GA Datasheet HTML 6Page - Microchip Technology PIC24FJ32GA Datasheet HTML 7Page - Microchip Technology PIC24FJ32GA Datasheet HTML 8Page - Microchip Technology PIC24FJ32GA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 1
PIC24FJ64GA004 FAMILY
High-Performance CPU:
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Internal Oscillator with 4x PLL Option and
Multiple Divide Options
• 17-Bit by 17-Bit Single-Cycle Hardware Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture:
- 76 base instructions
- Flexible addressing modes
• Two Address Generation Units for Separate Read
and Write Addressing of Data Memory
Special Microcontroller Features:
• Operating Voltage Range of 2.0V to 3.6V
• 5.5V Tolerant Input (digital pins only)
• High-Current Sink/Source (18 mA/18 mA) on All I/O Pins
• Flash Program Memory:
- 10,000 erase/write
- 20-year data retention minimum
• Power Management modes:
- Sleep, Idle, Doze and Alternate Clock modes
- Operating current 650
μA/MIPS typical at 2.0V
- Sleep current 150 nA typical at 2.0V
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
low-power RC oscillator
• On-Chip, 2.5V Regulator with Tracking mode
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Flexible Watchdog Timer (WDT) with On-Chip,
Low-Power RC Oscillator for Reliable Operation
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Debug (ICD) via 2 Pins
• JTAG Boundary Scan and Programming Support
Analog Features:
• 10-Bit, up to 13-Channel Analog-to-Digital Converter:
- 500 ksps conversion rate
- Conversion available during Sleep and Idle
• Dual Analog Comparators with Programmable
Input/Output Configuration
Peripheral Features:
• Peripheral Pin Select:
- Allows independent I/O mapping of many peripherals
- Up to 26 available pins (44-pin devices)
- Continuous hardware integrity checking and safety
interlocks prevent unintentional configuration changes
• 8-Bit Parallel Master/Slave Port (PMP/PSP):
- Up to 16-bit multiplexed addressing, with up to
11 dedicated address pins on 44-pin devices
- Programmable polarity on control lines
• Hardware Real-Time Clock/Calendar (RTCC):
- Provides clock, calendar and alarm functions
• Programmable Cyclic Redundancy Check (CRC)
• Two 3-Wire/4-Wire SPI modules (support 4 Frame
modes) with 8-Level FIFO Buffer
•Two I2C™ modules support Multi-Master/Slave
mode and 7-Bit/10-Bit Addressing
• Two UART modules:
- Supports RS-485, RS-232, and LIN 1.2
- On-chip hardware encoder/decoder for IrDA®
- Auto-wake-up on Start bit
- Auto-Baud Detect
- 4-level deep FIFO buffer
• Five 16-Bit Timers/Counters with Programmable Prescaler
• Five 16-Bit Capture Inputs
• Five 16-Bit Compare/PWM Outputs
• Configurable Open-Drain Outputs on Digital I/O Pins
• Up to 4 External Interrupt Sources
PIC24FJ
Device
Remappable Peripherals
16GA002
28
16K
4K
16
5
5
5
2
2
2
10
2
Y
Y
32GA002
28
32K
8K
16
5
5
5
2
2
2
10
2
Y
Y
48GA002
28
48K
8K
16
5
5
5
2
2
2
10
2
Y
Y
64GA002
28
64K
8K
16
5
5
5
2
2
2
10
2
Y
Y
16GA004
44
16K
4K
26
5
5
5
2
2
2
13
2
Y
Y
32GA004
44
32K
8K
26
5
5
5
2
2
2
13
2
Y
Y
48GA004
44
48K
8K
26
5
5
5
2
2
2
13
2
Y
Y
64GA004
44
64K
8K
26
5
5
5
2
2
2
13
2
Y
Y
28/44-Pin General Purpose, 16-Bit Flash Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com