Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ64GA Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA Datasheet HTML 9Page - Microchip Technology PIC24FJ64GA Datasheet HTML 10Page - Microchip Technology PIC24FJ64GA Datasheet HTML 11Page - Microchip Technology PIC24FJ64GA Datasheet HTML 12Page - Microchip Technology PIC24FJ64GA Datasheet HTML 13Page - Microchip Technology PIC24FJ64GA Datasheet HTML 14Page - Microchip Technology PIC24FJ64GA Datasheet HTML 15Page - Microchip Technology PIC24FJ64GA Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 10
Preliminary
© 2008 Microchip Technology Inc.
FIGURE 1-1:
PIC24FJ64GA004 FAMILY GENERAL BLOCK DIAGRAM
Instruction
Decode &
Control
16
PCH
PCL
16
Program Counter
16-Bit ALU
23
24
Data Bus
Inst Register
16
Divide
Support
Inst Latch
16
EA MUX
Read AGU
Write AGU
16
16
8
Interrupt
Controller
PSV & Table
Data Access
Control Block
Stack
Control
Logic
Repeat
Control
Logic
Data Latch
Data RAM
Address
Latch
Address Latch
Program Memory
Data Latch
16
Address Bus
23
Control Signals
16
16
16 x 16
W Reg Array
Multiplier
17x17
OSCI/CLKI
OSCO/CLKO
VDD,
Timing
Generation
VSS
MCLR
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
BOR and
Precision
Reference
Band Gap
FRC/LPRC
Oscillators
Regulator
Voltage
VDDCORE/VCAP
DISVREG
PORTA(1)
PORTC(1)
RA0:RA9
RC0:RC9
PORTB
RB0:RB15
Note 1:
Not all pins or features are implemented on all device pinout configurations. See Table 1-2 for I/O port pin descriptions.
2:
BOR and LVD functionality is provided when the on-board voltage regulator is enabled.
3:
Peripheral I/Os are accessible through remappable pins.
RP(1)
RP0:RP25
Comparators(3)
Timer2/3(3)
Timer1
RTCC
IC1-5(3)
ADC
10-Bit
PWM/
SPI1/2(3)
I2C1/2
Timer4/5(3)
PMP/PSP
OC1-5(3)
CN1-22(1)
UART1/2(3)
LVD(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com