Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TIP122FP
Description  Complementary power Darlington transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP122FP Datasheet(HTML) 4 Page - STMicroelectronics

  TIP122FP_09 Datasheet HTML 1Page - STMicroelectronics TIP122FP_09 Datasheet HTML 2Page - STMicroelectronics TIP122FP_09 Datasheet HTML 3Page - STMicroelectronics TIP122FP_09 Datasheet HTML 4Page - STMicroelectronics TIP122FP_09 Datasheet HTML 5Page - STMicroelectronics TIP122FP_09 Datasheet HTML 6Page - STMicroelectronics TIP122FP_09 Datasheet HTML 7Page - STMicroelectronics TIP122FP_09 Datasheet HTML 8Page - STMicroelectronics TIP122FP_09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
TIP122FP, TIP127FP
4/11
Doc ID 5309 Rev 5
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Derating curve
Figure 4.
DC current gain for NPN type
Figure 5.
DC current gain for PNP type
Figure 6.
Collector-emitter saturation voltage
for NPN type
Figure 7.
Collector-emitter saturation voltage
for PNP type
hFE
1000
100
10
0.01
Ic(A)
0.1
1
VCE= 3 V
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
AM00696v1
hFE
1000
100
10
-0.01
Ic(A)
-0.1
-1
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
VCE= -3 V
AM00697v1
VCE(sat)
1
0.6
0.2
0.1
Ic(A)
1
hFE= 250
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
1.4
AM00698v1
VCE(sat)
-1
-0.6
-0.2
-0.1
Ic(A)
-1
hFE= 250
Tj= -40 °C
Tj= 25 °C
Tj=125 °C
(V)
-1.4
AM00699v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com