Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122FP Datasheet(PDF) 6 Page - STMicroelectronics

Part # TIP122FP
Description  Complementary power Darlington transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP122FP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TIP122FP Datasheet HTML 2Page - STMicroelectronics TIP122FP Datasheet HTML 3Page - STMicroelectronics TIP122FP Datasheet HTML 4Page - STMicroelectronics TIP122FP Datasheet HTML 5Page - STMicroelectronics TIP122FP Datasheet HTML 6Page - STMicroelectronics TIP122FP Datasheet HTML 7Page - STMicroelectronics TIP122FP Datasheet HTML 8Page - STMicroelectronics TIP122FP Datasheet HTML 9Page - STMicroelectronics TIP122FP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Electrical characteristics
TIP122FP, TIP127FP
6/11
Doc ID 5309 Rev 5
Figure 14.
Switching time on resistive load for
NPN type (off)
Figure 15.
Switching time on resistive load for
PNP type (off)
Figure 16.
Capacitances for NPN type
Figure 17.
Capacitances for PNP type
t(ns)
1000
100
0
Ic(A)
2
Storage time
Fall time
1
3
5
4
Vcc= 30 V
hFE=250
Vbeoff= - 5 V
Ibon= - Iboff
AM03266v1
t(ns)
1000
100
0
Ic(A)
-2
Storage time
Fall time
-1
-3
-5
-4
Vcc= -30 V
hFE=250
Vbeoff= 5 V
-Ibon= Iboff
AM03267v1
C(pF)
100
10
0.01
VR(V)
1
0.1
10
F= 0.1 MHz
CCB
CEB
AM03269v1
C(pF)
100
10
0.01
VR(V)
1
0.1
10
F= 0.1 MHz
CCB
CEB
AM03268v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com