Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95320
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95320_09 Datasheet HTML 24Page - STMicroelectronics M95320_09 Datasheet HTML 25Page - STMicroelectronics M95320_09 Datasheet HTML 26Page - STMicroelectronics M95320_09 Datasheet HTML 27Page - STMicroelectronics M95320_09 Datasheet HTML 28Page - STMicroelectronics M95320_09 Datasheet HTML 29Page - STMicroelectronics M95320_09 Datasheet HTML 30Page - STMicroelectronics M95320_09 Datasheet HTML 31Page - STMicroelectronics M95320_09 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
DC and AC parameters
M95320, M95320-W, M95320-R
28/44
Doc ID 5711 Rev 12
Table 14.
DC characteristics (M95320-W, device grade 6)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open
3mA
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 3.0 V, Q = open
4mA
ICC1
Supply current
(Standby)
S = VCC, VCC = 2.5 V
VIN = VSS or VCC
1µA
S = VCC, VCC = 5.0 V
VIN = VSS or VCC
2µA
VIL
Input low voltage
–0.45
0.3VCC
V
VIH
Input high voltage
0.7VCC VCC+1
V
VOL
Output low voltage
IOL = 1.5 mA, VCC = 2.5 V or
IOL = 2 mA, VCC = 5.5 V
0.4
V
VOH
Output high voltage
IOH = –0.4 mA, VCC = 2.5 V or
IOH = –2 mA, VCC = 5.5 V
0.8VCC
V
VRES
(1)
1.
Characterized only, not 100% tested.
Internal reset threshold
voltage
1.0
1.65
V
Table 15.
DC characteristics (M95320-W, device grade 3)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open
3mA
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 2.5 V, Q = open
6mA
ICC1
Supply current (Standby) S = VCC, VCC = 2.5 V, VIN = VSS or VCC
2µA
VIL
Input low voltage
–0.45
0.3VCC
V
VIH
Input high voltage
0.7VCC VCC+1
V
VOL
Output low voltage
IOL = 1.5 mA, VCC = 2.5 V
0.4
V
VOH
Output high voltage
IOH = –0.4 mA, VCC = 2.5 V
0.8VCC
V
VRES
(1)
1.
Characterized only, not 100% tested.
Internal reset threshold
voltage
1.0
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com