Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T85BQ6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST62T85BQ6
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T85BQ6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST62T85BQ6 Datasheet HTML 3Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 4Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 5Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 6Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 7Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 8Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 9Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 10Page - STMicroelectronics ST62T85BQ6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/78
ST62T85B/E85B
Figure 2. ST6285B Pin Description
*Note: 20mA Sink
S16
S15
S14
S13
S12
S11
S10
S9
COM16/S8
COM15/S7
COM14/S6
COM13/S5
COM12/S4
COM11/S3
COM10/S2
COM9/S1
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
S41
S42
S43
S44
S45
S46
S47
S48
S49
S50
S51
S52
S53
S54
S55
S56
PB3
PB2
PB1
PB0
TEST/VPP
OSCout
OSCin
RESET
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
25 26 27 28 29 30 31 32
37 38 39 40
33 34 35 36
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com