Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T129Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T129Y
Description  5.0 or 3.3 V, 1 Mbit (128 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T129Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T129Y Datasheet HTML 9Page - STMicroelectronics M48T129Y Datasheet HTML 10Page - STMicroelectronics M48T129Y Datasheet HTML 11Page - STMicroelectronics M48T129Y Datasheet HTML 12Page - STMicroelectronics M48T129Y Datasheet HTML 13Page - STMicroelectronics M48T129Y Datasheet HTML 14Page - STMicroelectronics M48T129Y Datasheet HTML 15Page - STMicroelectronics M48T129Y Datasheet HTML 16Page - STMicroelectronics M48T129Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
M48T129V, M48T129Y
Clock operations
Doc ID 5710 Rev 4
13/28
Table 5.
TIMEKEEPER® register map
Keys:
S = SIGN bit
FT = FREQUENCY TEST bit
R = READ bit
W = WRITE bit
ST = STOP bit
0 = Must be set to '0'
Y = '1' or '0‘
BL = Battery low (read only)
AF = Alarm flag (read only)
WDS = Watchdog steering bit
BMB0-BMB4 = Watchdog multiplier bits
RB0-RB1 = Watchdog resolution bits
AFE = Alarm flag enable
ABE = Alarm in battery backup mode enable
RPT1-RPT5 = Alarm repeat mode bits
WDF = Watchdog flag (read only)
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
1FFFFh
10 Years
Year
Year
00-99
1FFFEh
0
0
0
10 M
Month
Month
01-12
1FFFDh
0
0
10 date
Date
Date
01-31
1FFFCh
0
FT
0
0
0
Day of week
Day
01-07
1FFFBh
0
0
10 hours
Hours (24-hour format)
Hours
00-23
1FFFAh
0
10 minutes
Minutes
Minutes
00-59
1FFF9h
ST
10 seconds
Seconds
Seconds
00-59
1FFF8h
W
R
S
Calibration
Control
1FFF7h
WDS
BMB4 BMB3
BMB2
BMB1 BMB0
RB1
RB0
Watchdog
1FFF6h
AFE
0
ABE
Al 10M
Alarm month
A month
01-12
1FFF5h
RPT4
RPT5
Al 10 date
Alarm date
Al date
01-31
1FFF4h
RPT3
0
Al 10 hours
Alarm hours
A hours
00-23
1FFF3h
RPT2
Al 10 minutes
Alarm minutes
A min
00-59
1FFF2h
RPT1
Al 10 seconds
Alarm seconds
A sec
00-59
1FFF1h
1000 year
100 year
Century
00-99
1FFF0h
WDF
AF
0
BL
Y
Y
Y
Y
Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com