Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300MH1F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M40Z300MH1F
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH1F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M40Z300MH1F Datasheet HTML 9Page - STMicroelectronics M40Z300MH1F Datasheet HTML 10Page - STMicroelectronics M40Z300MH1F Datasheet HTML 11Page - STMicroelectronics M40Z300MH1F Datasheet HTML 12Page - STMicroelectronics M40Z300MH1F Datasheet HTML 13Page - STMicroelectronics M40Z300MH1F Datasheet HTML 14Page - STMicroelectronics M40Z300MH1F Datasheet HTML 15Page - STMicroelectronics M40Z300MH1F Datasheet HTML 16Page - STMicroelectronics M40Z300MH1F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
M40Z300, M40Z300W
Maximum ratings
Doc ID 5679 Rev 5
13/25
3
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 3.
Absolute maximum ratings
Caution:
Negative undershoots below –0.3 V are not allowed on any pin while in the battery backup
mode.
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
Grade 1
0 to 70
°C
Grade 6
–40 to 85
°C
TSTG
Storage temperature
SNAPHAT®
–40 to 85
°C
SOIC
–55 to 125
°C
TSLD
(1)
1.
For SO package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal
budget not to exceed 245°C for greater than 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC + 0.3
V
VCC
Supply voltage
M40Z300
–0.3 to 7.0
V
M40Z300W
–0.3 to 4.6
V
IO
Output current
20
mA
PD
Power dissipation
1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com