Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300MH6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # M40Z300MH6F
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300MH6F Datasheet(HTML) 5 Page - STMicroelectronics

  M40Z300MH6F Datasheet HTML 1Page - STMicroelectronics M40Z300MH6F Datasheet HTML 2Page - STMicroelectronics M40Z300MH6F Datasheet HTML 3Page - STMicroelectronics M40Z300MH6F Datasheet HTML 4Page - STMicroelectronics M40Z300MH6F Datasheet HTML 5Page - STMicroelectronics M40Z300MH6F Datasheet HTML 6Page - STMicroelectronics M40Z300MH6F Datasheet HTML 7Page - STMicroelectronics M40Z300MH6F Datasheet HTML 8Page - STMicroelectronics M40Z300MH6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
M40Z300, M40Z300W
Description
Doc ID 5679 Rev 5
5/25
1
Description
The M40Z300/W NVRAM supervisor is a self-contained device which converts a standard
low-power SRAM into a non-volatile memory. A precision voltage reference and comparator
monitors the VCC input for an out-of-tolerance condition.
When an invalid VCC condition occurs, the conditioned chip enable outputs (E1CON to
E4CON) are forced inactive to write-protect the stored data in the SRAM. During a power
failure, the SRAM is switched from the VCC pin to the lithium cell within the SNAPHAT
® to
provide the energy required for data retention. On a subsequent power-up, the SRAM
remains write protected until a valid power condition returns.
The 28-pin, 330 mil SOIC provides sockets with gold plated contacts for direct connection to
a separate SNAPHAT housing containing the battery. The SNAPHAT housing has gold
plated pins which mate with the sockets, ensuring reliable connection. The housing is keyed
to prevent improper insertion. This unique design allows the SNAPHAT battery package to
be mounted on top of the SOIC package after the completion of the surface mount process
which greatly reduces the board manufacturing process complexity of either directly
soldering or inserting a battery into a soldered holder. Providing non-volatility becomes a
“SNAP.” The 16-pin SOIC provides battery pins for an external user-supplied battery.
Insertion of the SNAPHAT housing after reflow prevents potential battery damage due to the
high temperatures required for device surface-mounting. The SNAPHAT housing is also
keyed to prevent reverse insertion.
The 28-pin SOIC and battery packages are shipped separately in plastic anti-static tubes or
in tape & reel form. For the 28-lead SOIC, the battery/crystal package (e.g., SNAPHAT) part
number is “M4ZXX-BR00SH”.
Caution:
Do not place the SNAPHAT battery top in conductive foam, as this will drain the lithium
button-cell battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com