Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T512Y
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T512Y_10 Datasheet HTML 9Page - STMicroelectronics M48T512Y_10 Datasheet HTML 10Page - STMicroelectronics M48T512Y_10 Datasheet HTML 11Page - STMicroelectronics M48T512Y_10 Datasheet HTML 12Page - STMicroelectronics M48T512Y_10 Datasheet HTML 13Page - STMicroelectronics M48T512Y_10 Datasheet HTML 14Page - STMicroelectronics M48T512Y_10 Datasheet HTML 15Page - STMicroelectronics M48T512Y_10 Datasheet HTML 16Page - STMicroelectronics M48T512Y_10 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
M48T512Y, M48T512V
Clock operations
Doc ID 5747 Rev 6
13/23
One method for ascertaining how much calibration a given M48T512Y/V may require
involves setting the clock, letting it run for a month and comparing it to a known accurate
reference and recording deviation over a fixed period of time.
Calibration values, including the number of seconds lost or gained in a given period, can be
found in STMicroelectronics’ application note AN934, “TIMEKEEPER® calibration.” This
allows the designer to give the end user the ability to calibrate the clock as the environment
requires, even if the final product is packaged in a non-user serviceable enclosure. The
designer could provide a simple utility that accesses the calibration bits. For more
information on calibration see application note AN934, “TIMEKEEPER® calibration” on the
ST website.
Figure 7.
Crystal accuracy across temperature
Figure 8.
Calibration waveform
AI00999
–160
0
10203040506070
Frequency (ppm)
Temperature
°C
80
–10
–20
–30
–40
–100
–120
–140
–40
–60
–80
20
0
–20
ΔF
= -0.038
(T - T
0)
2 ± 10%
F
ppm
C
2
T
0 = 25 °C
AI00594B
NORMAL
POSITIVE
CALIBRATION
NEGATIVE
CALIBRATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com