Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T512Y Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T512Y
Description  5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T512Y Datasheet HTML 15Page - STMicroelectronics M48T512Y Datasheet HTML 16Page - STMicroelectronics M48T512Y Datasheet HTML 17Page - STMicroelectronics M48T512Y Datasheet HTML 18Page - STMicroelectronics M48T512Y Datasheet HTML 19Page - STMicroelectronics M48T512Y Datasheet HTML 20Page - STMicroelectronics M48T512Y Datasheet HTML 21Page - STMicroelectronics M48T512Y Datasheet HTML 22Page - STMicroelectronics M48T512Y Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Revision history
M48T512Y, M48T512V
22/23
Doc ID 5747 Rev 6
9
Revision history
Table 14.
Document revision history
Date
Revision
Changes
June-1998
1
First issue
03-Dec-1999
1.1
M48T512Y: VPFD (Min) changed; AC measurement load circuit changed
(Figure 10); tFB and tRB changed (Figure 11, Table 10)
11-Dec-2000
2
Reformatted
20-Jul-2001
2.1
Segments re-ordered; temp./voltage info. added to tables (Table 8, 9, 3,
4, 10, 11)
07-Aug-2001
2.2
Text re-ordered from last adjustment (“Operating modes” section)
20-May-2002
2.3
Add countries to disclaimer
07-Aug-2002
2.4
Add marketing status
31-Mar-2003
3
v2.2 template applied; data retention condition updated (Table 11)
22-Feb-2005
4
Reformatted; IR reflow update (Table 6)
25-Mar-2008
5
Reformatted document, minor text changes; updated cover page and
Table 13 concerning availability of M48T512V (3.3 V version); updated
Figure 9, 10, 11, Table 9, 12, Section 7: Package mechanical data.
21-Jun-2010
6
Updated Features, Section 4, Table 12, 13; text in Section 7; added
Section 6: Environmental information; reformatted document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com