Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST72101
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST72101 Datasheet HTML 76Page - STMicroelectronics ST72101 Datasheet HTML 77Page - STMicroelectronics ST72101 Datasheet HTML 78Page - STMicroelectronics ST72101 Datasheet HTML 79Page - STMicroelectronics ST72101 Datasheet HTML 80Page - STMicroelectronics ST72101 Datasheet HTML 81Page - STMicroelectronics ST72101 Datasheet HTML 82Page - STMicroelectronics ST72101 Datasheet HTML 83Page - STMicroelectronics ST72101 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
80/85
ST72101/ST72212/ST72213
SPI CHARACTERISTICS (Cont’d)
Measurement points are VOL, VOH, VIL and VIH in the SPI Timing Diagram
Figure 47. SPI Slave Timing Diagram CPHA=0, CPOL=0
Figure 48. SPI Slave Timing Diagram CPHA=0, CPOL=1
Figure 49. SPI Slave Timing Diagram CPHA=1, CPOL=0
Figure 50. SPI Slave Timing Diagram CPHA=1, CPOL=1
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000113
D7-IN
D6-IN
D0-IN
D7-OUT
D6-OUT
D0-OUT
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000114
D7-IN
D6-IN
D0-IN
D7-OUT
D6-OUT
D0-OUT
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
5
4
(INPUT)
2
3
8
9
HIGH-Z
VR000111
D7-OUT
D6-OUT
D0-OUT
D7-IN
D6-IN
D0-IN
1
6
7
10
11
12
13
SS
(INPUT)
SCK
MISO
MOSI
(INPUT)
(OUTPUT)
54
(INPUT)
2
3
8
9
HIGH-Z
D7-OUT
D6-OUT
D0-OUT
D7-IN
D6-IN
D0-IN
VR000112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com