Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G1B3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72101G1B3
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1B3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72101G1B3 Datasheet HTML 16Page - STMicroelectronics ST72101G1B3 Datasheet HTML 17Page - STMicroelectronics ST72101G1B3 Datasheet HTML 18Page - STMicroelectronics ST72101G1B3 Datasheet HTML 19Page - STMicroelectronics ST72101G1B3 Datasheet HTML 20Page - STMicroelectronics ST72101G1B3 Datasheet HTML 21Page - STMicroelectronics ST72101G1B3 Datasheet HTML 22Page - STMicroelectronics ST72101G1B3 Datasheet HTML 23Page - STMicroelectronics ST72101G1B3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
20/85
ST72101/ST72212/ST72213
Table 7. Interrupt Mapping
Note 1: Timer B is available on ST72212 only.
Source
Block
Description
Register
Label
Flag
Exit
from
HALT
Vector
Address
Priority
Order
RESET
Reset
N/A
N/A
yes
FFFEh-FFFFh
TRAP
Software
N/A
N/A
no
FFFCh-FFFDh
EI0
External Interrupt PA0:PA7
N/A
N/A
yes
FFFAh-FFFBh
EI1
External Interrupt PB0:PB7, PC0:PC5
N/A
N/A
yes
FFF8h-FFF9h
Not Used
FFF6h-FFF7h
SPI
Transfer Complete
SPISR
SPIF
no
FFF4h-FFF5h
Mode Fault
MODF
TIMER A
Input Capture 1
TASR
ICF1_A
no
FFF2h-FFF3h
Output Compare 1
OCF1_A
Input Capture 2
ICF2_A
Output Compare 2
OCF2_A
Timer Overflow
TOF_A
Not Used
FFF0h-FFF1h
TIMER B 1)
Input Capture 1
TBSR
ICF1_B
no
FFEEh-FFEFh
Output Compare 1
OCF1_B
Input Capture 2
ICF2_B
Output Compare 2
OCF2_B
Timer Overflow
TOF_B
Not Used
FFECh-FFEDh
FFEAh-FFEBh
FFE8h-FFE9h
FFE6h-FFE7h
FFE4h-FFE5h
FFE2h-FFE3h
FFE0h-FFE1h
Highest
Priority
Priority
Lowest
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com