Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL12 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SL12
Description  LOW VF SURFACE MOUNT SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SL12 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SL12 Datasheet HTML 1Page - EIC discrete Semiconductors SL12 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SL12 - SL13 )
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Page 2 of 2
Rev. 02 : March 25, 2005
2.0
1.5
1.0
0.5
2.5
40
0
50
0
30
20
10
1
0.1
80
0.001
0.01
100
0
20
40
60
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 100
°C
Ta = 25
°C
Resistive or Inductive Load
0.1
0.01
FORWARD VOLTAGE, VOLTS
10
P.C.B. Mounted on
0.2 x 0.2" (5.0 x 5.0mm)
Copper Pad Areas
8.3ms Single Half-Sine Wave
(JEDEC Method) at Rated TL
1.0
TJ = 25
°C
TJ =1 25
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com