Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-628X Datasheet(PDF) 13 Page - National Instruments Corporation

Part # USB-628X
Description  This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-628X Datasheet(HTML) 13 Page - National Instruments Corporation

Back Button USB-628X Datasheet HTML 9Page - National Instruments Corporation USB-628X Datasheet HTML 10Page - National Instruments Corporation USB-628X Datasheet HTML 11Page - National Instruments Corporation USB-628X Datasheet HTML 12Page - National Instruments Corporation USB-628X Datasheet HTML 13Page - National Instruments Corporation USB-628X Datasheet HTML 14Page - National Instruments Corporation USB-628X Datasheet HTML 15Page - National Instruments Corporation USB-628X Datasheet HTML 16Page - National Instruments Corporation USB-628X Datasheet HTML 17Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© National Instruments Corporation
13
NI USB-622x/625x/628x OEM User Guide
Power Switch
The power switch on the USB-622x/625x/628x OEM device powers the
device on and off. Figure 11 shows the pins on the power switch and
circuitry.
Figure 11. Schematic for the Power Switch
Pin 1, VDC In, is connected to VDC through the fuse (reference designator
XF1). The VDC is the voltage provided by the power supply through the
power connector (reference designator J4/J6/J81) and must be 11–30 VDC,
20 W.
Pin 2, VDC Out, provides power to the circuitry on the device. When the
switch is in the On position, the VDC power supply from pin 1 is routed to
pin 2.
Pin 3, 100 k
Ω to Ground, connects pin 2 to ground through a 100 kΩ
resistor when the switch is in the Off position.
1 The power connector is designated as J4 on USB-6225/6255 OEM devices, J6 on USB-6221/6229 OEM devices, and J8 on
USB-6251/6259/6281/6289 OEM devices.
J4/J6/J8
VDC Out
VDC In
Switch
1
2
3
NC
NC
100 k
Ω
SW1
Outer
Shell
SW1
XF1
FUSE
3
Power to
Device
J4/J6/J8
Power
Connector
1
2
100 k
Ω
100 k
Ω
to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com