Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T59V-70PC1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T59V-70PC1
Description  5.0 or 3.3 V, 64 Kbit (8 Kbit x 8) TIMEKEEPER짰 SRAM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T59V-70PC1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T59V-70PC1 Datasheet HTML 9Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 10Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 11Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 12Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 13Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 14Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 15Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 16Page - STMicroelectronics M48T59V-70PC1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
M48T59, M48T59Y, M48T59V
Clock operations
13/32
Table 5.
Register map
Keys:
S = Sign bit
FT = Frequency test bit
R = Read bit
W = Write bit
ST = Stop bit
0 = Must be set to '0'
Y = '1' or '0'
Z = '0' and are read only
AF = Alarm flag (read only)
BL = Battery low (read only)
WDS = Watchdog steering bit
BMB0-BMB4 = Watchdog multiplier bits
RB0-RB1 = Watchdog resolution bits
AFE = Alarm flag enable
ABE = Alarm in battery back-up mode enable
RPT1-RPT4 = Alarm repeat mode bits
WDF = Watchdog flag (read only)
CEB = Century enable bit
CB = Century bit
Address
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
1FFFh
10 Years
Year
Year
00-99
1FFEh
0
0
0
10 M
Month
Month
01-12
1FFDh
0
0
10 date
Date
Date
01-31
1FFCh
0
FT
CEB
CB
0
Day
Century/day
00-01/01-07
1FFBh
0
0
10 hours
Hours
Hours
00-23
1FFAh
0
10 minutes
Minutes
Minutes
00-59
1FF9h
ST
10 seconds
Seconds
Seconds
00-59
1FF8h
W
R
S
Calibration
Control
1FF7h
WDS
BMB
4
BMB
3
BMB
2
BMB
1
BMB
0
RB1 RB0
Watchdog
1FF6h
AFE
Y
ABE
Y
Y
Y
Y
Y
Interrupts
1FF5h
RPT4
Y
Al. 10 date
Alarm date
Alarm date
01-31
1FF4h
RPT3
Y
Al. 10 hours
Alarm hours
Alarm hours
00-23
1FF3h
RPT2
Alarm 10 minutes
Alarm minutes
Alarm minutes
00-59
1FF2h
RPT1
Alarm 10 seconds
Alarm seconds
Alarm seconds
00-59
1FF1h
Y
YY
YYY
Y
Y
Unused
1FF0h
WDF
AF
Z
BL
Z
Z
Z
Z
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com