Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82910GL Datasheet(PDF) 39 Page - Intel Corporation

Part # 82910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82910GL Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82910GL Datasheet HTML 35Page - Intel Corporation 82910GL Datasheet HTML 36Page - Intel Corporation 82910GL Datasheet HTML 37Page - Intel Corporation 82910GL Datasheet HTML 38Page - Intel Corporation 82910GL Datasheet HTML 39Page - Intel Corporation 82910GL Datasheet HTML 40Page - Intel Corporation 82910GL Datasheet HTML 41Page - Intel Corporation 82910GL Datasheet HTML 42Page - Intel Corporation 82910GL Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 426 page
background image
Signal Description
R
Datasheet
39
Signal Name
Type
Description
SCKE_A[3:0]
O
SSTL-
2/1.8
Clock Enable: (1 per Rank) SACKE is used to initialize the SDRAMs
during power-up, to power-down SDRAM ranks, and to place all SDRAM
ranks into and out of self-refresh during Suspend-to-RAM.
SODT_A[3:0]
O
SSTL-1.8
On Die Termination (DDR2 only): Active On-die Termination Control
signals for DDR2 devices.
2.3
DDR/DDR2 DRAM Channel B Interface
Note that the 82910GL, 82915GL, and 82915PL (G)MCH only supports DDR DRAM.
Signal Name
Type
Description
SCLK_B[5:0]
O
SSTL-
2/1.8
SDRAM Differential Clock: (3 per DIMM) SCLK_Bx and its complement
SCLK_Bx# signal make a differential clock pair output. The crossing of
the positive edge of SCLK_Bx and the negative edge of its complement
SCLK_Bx# are used to sample the command and control signals on the
SDRAM.
SCLK_B[5:0]#
O
SSTL-
2/1.8
SDRAM Complementary Differential Clock: (3 per DIMM) These are
the complementary differential DDR/DDR2 clock signals.
SCS_B[3:0]#
O
SSTL-
2/1.8
Chip Select: (1 per Rank) These signals select particular SDRAM
components during the active state. There is one chip select for each
SDRAM rank
SMA_B[13:0]
O
SSTL-
2/1.8
Memory Address: These signals are used to provide the multiplexed
row and column address to the SDRAM
SBS_B[2:0]
O
SSTL-
2/1.8
Bank Select: These signals define which banks are selected within
each SDRAM rank
DDR2: 1-Gb technology is 8 banks.
DDR: 1-Gb technology is 4 banks. SBS_B[2] is not used
SRAS_B#
O
SSTL-
2/1.8
Row Address Strobe: This signal is used with SCAS_B# and SWE_B#
(along with SCS_B#) to define the SDRAM commands
SCAS_B#
O
SSTL-
2/1.8
Column Address Strobe: This signal is used with SRAS_B# and
SWE_B# (along with SCS_B#) to define the SDRAM commands.
SWE_B#
O
SSTL-
2/1.8
Write Enable: This signal is used with SCAS_B# and SRAS_B# (along
with SCS_B#) to define the SDRAM commands.
SDQ_B[63:0]
I/O
SSTL-
2/1.8
2x
Data Lines: SDQ_Bx signals interface to the SDRAM data bus
SDM_B[7:0]
O
SSTL-
2/1.8
2x
Data Mask: When activated during writes, the corresponding data
groups in the SDRAM are masked. There is one SDM_Bx signal for
every data byte lane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com