Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-WDW3P/PC Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95128-WDW3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-WDW3P/PC Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95128-WDW3P/PC Datasheet HTML 36Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 37Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 38Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 39Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 40Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 41Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 42Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 43Page - STMicroelectronics M95128-WDW3P/PC Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
M95128, M95128-W, M95128-R
Revision history
Doc ID 5798 Rev 13
43/44
11-Jul-2008
10
M95128, device grade 3 devices is now offered at 10 MHz frequency.
Section 3.8: Supply voltage (VCC) on page 10 and Section 5.4: Write
Status Register (WRSR) on page 18 updated.
Table 15: DC characteristics (M95128-R) on page 29 modified.
tCH and tCL modified in Table 16: AC characteristics (M95128, device
grade 3) on page 30.
Figure 15: Serial input timing, Figure 16: Hold timing and Figure 17: Serial
output timing modified.
Process A removed from Table 23: Ordering information scheme.
Small text changes.
17-Feb-2009
11
Section 3.8: Supply voltage (VCC) and Section 5.4: Write Status Register
(WRSR) updated.
Note added to Section 5.6: Write to Memory Array (WRITE).
ICC modified in Table 12: DC characteristics (M95128, device grade 3).
VRES added to DC characteristics tables 12, 13, 14 and 15.
Note added to Table 19: AC characteristics (M95128-R).
Note added below Figure 20: UFDFPN8, 8-lead ultra thin fine pitch dual
flat package no lead 2 x 3 mm, outline.
Small text changes.
12-Jan-2010
12
Section 5.6.1: ECC (error correction code) and write cycling modified
(applies to all devices).
TLEAD, IOL and IOH added to Table 6: Absolute maximum ratings.
Note added to Table 15: DC characteristics (M95128-R).
Process modified in Table 23: Ordering information scheme.
All packages are ECOPACK2 compliant.
02-Mar-2010
13
Section 5.6.1: ECC (error correction code) and write cycling and Table 24:
Available M95128x products (package, voltage range, temperature grade)
updated.
Table 25.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com