Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

440 Datasheet(PDF) 33 Page - Intel Corporation

Part # 440
Description  Supporting the Intel Celeron processor
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

440 Datasheet(HTML) 33 Page - Intel Corporation

Back Button 440 Datasheet HTML 29Page - Intel Corporation 440 Datasheet HTML 30Page - Intel Corporation 440 Datasheet HTML 31Page - Intel Corporation 440 Datasheet HTML 32Page - Intel Corporation 440 Datasheet HTML 33Page - Intel Corporation 440 Datasheet HTML 34Page - Intel Corporation 440 Datasheet HTML 35Page - Intel Corporation 440 Datasheet HTML 36Page - Intel Corporation 440 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
Datasheet
33
Electrical Specifications
Figure 6.
Differential Clock Waveform
Figure 7.
Differential Clock Crosspoint Specification
Threshold
Region
VH
VL
Overshoot
Undershoot
Ringback
Margin
Rising Edge
Ringback
Falling Edge
Ringback
BCLK0
BCLK1
Tph
Tpl
Tp
Tp = T1: BCLK[1:0] period
T2: BCLK[1:0] period stability (not shown)
Tph = T3: BCLK[1:0] pulse high time
Tpl = T4: BCLK[1:0] pulse low time
T5: BCLK[1:0] rise time through the threshold region
T6: BCLK[1:0] fall time through the threshold region
V
CROSS (ABS)VCROSS (ABS)
660 670 680 690 700 710 720 730 740 750 760 770 780 790 800 810 820 830 840 850
200
250
300
350
400
450
500
550
600
650
VHavg (mV)
550 mV
250 mV
250 + 0.5 (VHavg - 700)
550 + 0.5 (VHavg - 700)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com