Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82G33 Datasheet(PDF) 41 Page - Intel Corporation

Part # 82G33
Description  Graphics and Memory Controller Hub
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82G33 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82G33 Datasheet HTML 37Page - Intel Corporation 82G33 Datasheet HTML 38Page - Intel Corporation 82G33 Datasheet HTML 39Page - Intel Corporation 82G33 Datasheet HTML 40Page - Intel Corporation 82G33 Datasheet HTML 41Page - Intel Corporation 82G33 Datasheet HTML 42Page - Intel Corporation 82G33 Datasheet HTML 43Page - Intel Corporation 82G33 Datasheet HTML 44Page - Intel Corporation 82G33 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 437 page
background image
Signal Description
Datasheet
41
2.3
System Memory (DDR2/DDR3) Channel B
Interface Signals
Note: DDR3 is only supported on the 82G33 GMCH and 82P35 MCH components.
Signal Name
Type
Description
DDR_B_CK_5:0
O
SSTL-1.8/1.5
SDRAM Differential Clocks
• DDR2: Three per DIMM (5:0)
• DDR3: Two per DIMM (3:0)
DDR_B_CKB_5:0
O
SSTL-1.8/1.5
SDRAM Inverted Differential Clocks
• DDR2: Three per DIMM (5:0)
• DDR3: Two per DIMM (3:0)
DDR_B_CSB_3:0
O
SSTL-1.8/1.5
DDR2/DDR3 Chip Select
(1 per Device Rank)
DDR_B_CKE_3:0
O
SSTL-1.8/1.5
DDR2/DDR3 Clock Enable
(1 per Device Rank)
DDR_B_ODT_2:0
O
SSTL-1.8/1.5
DDR2/DDR3 Device Rank 2, 1, and 0 On Die
Termination
DDR_B_ODT_3
O
SSTL-1.8
DDR2 Device Rank 3 On Die Termination
DDR3_B_ODT_3
O
SSTL-1.5
DDR3 Device Rank 3 On Die Termination
DDR_B_MA_14:0
O
SSTL-1.8/1.5
DDR2/DDR3 Address Signals 14:0
DDR_B_BS_2:0
O
SSTL-1.8/1.5
DDR2/DDR3 Bank Select
DDR_B_RASB
O
SSTL-1.8/1.5
DDR2/DDR3 RAS signal
DDR_B_CASB
O
SSTL-1.8/1.5
DDR2/DDR3 CAS signal
DDR_B_WEB
O
SSTL-1.8/1.5
DDR2/DDR3 Write Enable
DDR_B_DQ_63:0
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Lines
DDR_B_DM_7:0
O
SSTL-1.8/1.5
DDR2/DDR3 Data Mask
DDR_B_DQS_7:0
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Strobes
DDR_B_DQSB_7:0
I/O
SSTL-1.8/1.5
DDR2/DDR3 Data Strobe Complements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com