Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G35 Datasheet(PDF) 21 Page - Intel Corporation

Part # G35
Description  Express Chipset
PDF  351 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

G35 Datasheet(HTML) 21 Page - Intel Corporation

Back Button G35 Datasheet HTML 17Page - Intel Corporation G35 Datasheet HTML 18Page - Intel Corporation G35 Datasheet HTML 19Page - Intel Corporation G35 Datasheet HTML 20Page - Intel Corporation G35 Datasheet HTML 21Page - Intel Corporation G35 Datasheet HTML 22Page - Intel Corporation G35 Datasheet HTML 23Page - Intel Corporation G35 Datasheet HTML 24Page - Intel Corporation G35 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 351 page
background image
Introduction
Datasheet
21
Term
Description
Intel® ICH8
Eighth generation I/O Controller Hub component that contains additional
functionality compared to previous Intel® ICHs, The Intel® I/O Controller
Hub component contains the primary PCI interface, LPC interface, USB2,
SATA, and other I/O functions. It communicates with the GMCH over a
proprietary interconnect called DMI. For this GMCH, the term Intel® ICH
refers to Intel® ICH8.
IGD
Internal Graphics Device
LCD
Liquid Crystal Display
LVDS
Low Voltage Differential Signaling. A high speed, low power data
transmission standard used for display connections to LCD panels.
OOQ
Out of Order Queuing:
MSI
Message Signaled Interrupt. A transaction initiated outside the host,
conveying interrupt information to the receiving agent through the same
path that normally carries read and write commands.
PCI Express*
Third Generation Input Output (PCI Express) Graphics Attach called PCI
Express Graphics. A high-speed serial interface whose configuration is
software compatible with the existing PCI specifications. The specific PCI
Express implementation intended for connecting the GMCH to an external
Graphics Controller is an x16 link and replaces AGP.
Primary PCI
The physical PCI bus that is driven directly by the Intel® ICH8 component.
Communication between Primary PCI and the GMCH occurs over DMI. Note
that the Primary PCI bus is not PCI Bus 0 from a configuration standpoint.
SCI
System Control Interrupt. Used in ACPI protocol.
SDVO
Serial Digital Video Out (SDVO). Digital display channel that serially
transmits digital display data to an external SDVO device. The SDVO device
accepts this serialized format and then translates the data into the
appropriate display format (i.e. TMDS, LVDS, and TV-Out). This interface is
not electrically compatible with the previous digital display channel - DVO.
For G35, it will be multiplexed on a portion of the x16 graphics PCI Express
interface.
SDVO Device
Third party codec that utilizes SDVO as an input. May have a variety of
output formats, including DVI, LVDS, HDMI, TV-out, etc.
SERR
An indication that an unrecoverable error has occurred on an I/O bus.
SMI
System Management Interrupt. Used to indicate any of several system
conditions such as thermal sensor events, throttling activated, access to
System Management RAM, chassis open, or other system state related
activity.
Rank
A unit of DRAM corresponding to eight x8 SDRAM devices in parallel or four
x16 SDRAM devices in parallel, ignoring ECC. These devices are usually, but
not always, mounted on a single side of a DIMM.
TMDS
Transition Minimized Differential Signaling. Signaling interface from Silicon
Image that is used in DVI and HDMI.
VCO
Voltage Controlled Oscillator
UMA
Unified Memory Architecture. Describes an IGD using system memory for its
frame buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com