Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB3P/PC Datasheet(PDF) 27 Page - STMicroelectronics

Part # M95128-RMB3P/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB3P/PC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M95128-RMB3P/PC Datasheet HTML 23Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 24Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 25Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 26Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 27Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 28Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 29Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 30Page - STMicroelectronics M95128-RMB3P/PC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
M95128, M95128-W, M95128-R
DC and AC parameters
Doc ID 5798 Rev 13
27/44
Figure 14.
AC measurement I/O waveform
Table 10.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
100
pF
Input rise and fall times
50
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output(1) timing reference voltages
1.
Output Hi-Z is defined as the point where data out is no longer driven.
0.3VCC to 0.7VCC
V
Table 11.
Capacitance(1)
1.
Sampled only, not 100% tested, at TA =25 °C and a frequency of 5 MHz.
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
8
pF
CIN
Input capacitance (D)
VIN = 0 V
8
pF
Input capacitance (other pins)
VIN = 0 V
6
pF
Table 12.
DC characteristics (M95128, device grade 3)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 5 V, Q = open
4mA
C = 0.1VCC/0.9VCC at 10 MHz,
VCC = 5 V, Q = open
8mA
ICC1
Supply current
(Standby Power mode)
S = VCC, VCC = 5 V,
VIN = VSS or VCC
5µA
VIL
Input low voltage
–0.45
0.3 VCC
V
VIH
Input high voltage
0.7 VCC
VCC+1
V
VOL
(1)
1.
For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards.
Output low voltage
IOL = 2 mA, VCC = 5 V
0.4
V
VOH
(1)
Output high voltage
IOH = –2 mA, VCC = 5V
0.8VCC
V
VRES
(2)
Internal reset threshold
voltage
2.5
4.0
V
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and Output
Timing Reference Levels
Input Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com