Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82575 Datasheet(PDF) 21 Page - Intel Corporation

Part # 82575
Description  Gigabit Ethernet Controller
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82575 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82575 Datasheet HTML 17Page - Intel Corporation 82575 Datasheet HTML 18Page - Intel Corporation 82575 Datasheet HTML 19Page - Intel Corporation 82575 Datasheet HTML 20Page - Intel Corporation 82575 Datasheet HTML 21Page - Intel Corporation 82575 Datasheet HTML 22Page - Intel Corporation 82575 Datasheet HTML 23Page - Intel Corporation 82575 Datasheet HTML 24Page - Intel Corporation 82575 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
15
82575 Gigabit Ethernet Controller Datasheet
3.10
PHY Analog Signals
Symbol
Type
Name and Function
RBIAS0_P/RBIAS1_P
A
Compensation Reference Resistor.
A 1.4 KΩ, 1% tolerance resistor should be used. RBIAS_N
should also be connected to ground (VSS).
MDI0_P_0
MDI0_N_0
MDI1_P_0
MDI1_N_0
A
Media Dependent Interface [0]
1000BASE-T: In MDI configuration, these correspond to
BI_DA+/-, and in MDI-X configuration, MDIp0/MDIn0
corresponds to BI_DB+/-.
100BASE-TX: In MDI configuration, MDIp0/MDIn0 is used for
the transmit pair, and in MDI-X configuration, MDIp0/MDIn0 is
used for the receive pair.
10BASE-T: In MDI configuration, MDIAp0/MDI_MINUS0_0 is
used for the transmit pair, and in MDI-X configuration, MDIp0/
MDIn0 is used for the receive pair.
MDI0_P_1
MDI0_N_1
MDI1_P_1
MDI1_N_1
A
Media Dependent Interface [1]
1000BASE-T: In MDI configuration, MDIp1/MDIn1
corresponds to BI_DB+/-, and in MDI-X configuration, MDIp1/
MDIn1 corresponds to BI_DA+/-.
100BASE-TX: In MDI configuration, MDIp1/MDIn1 is used for
the receive pair, and in MDI-X configuration, MDIp1/MDIn1 is
used for the transit pair.
10BASE-T: In MDI configuration, MDIp1/MDIn1 is used for the
receive pair, and in MDI-X configuration, MDIp1/MDIn1 is used
for the transit pair.
MDI0_P_2
MDI0_N_2
MDI1_P_2
MDI1_N_2
A
Media Dependent Interface [2]
1000BASE-T: In MDI configuration, MDIp2/MDIn2
corresponds to BI_DC+/-, and in MDI-X configuration, MDIp2/
MDIn2 corresponds to BI_DD+/-.
100BASE-TX: Unused.
10BASE-T: Unused.
MDI0_P_3
MDI0_N_3
MDI1_P_3
MDI1_N_3
A
Media Dependent Interface [3]
1000BASE-T: In MDI configuration, MDIp3/MDIn3
corresponds to BI_DD+/-, and in MDI-X configuration, MDIp3/
MDIn3 corresponds to BI_DC+/-.
100BASE-TX: Unused.
10BASE-T: Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com