Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82X38 Datasheet(PDF) 39 Page - Intel Corporation

Part # 82X38
Description  Express Chipset
PDF  342 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82X38 Datasheet(HTML) 39 Page - Intel Corporation

Back Button 82X38 Datasheet HTML 35Page - Intel Corporation 82X38 Datasheet HTML 36Page - Intel Corporation 82X38 Datasheet HTML 37Page - Intel Corporation 82X38 Datasheet HTML 38Page - Intel Corporation 82X38 Datasheet HTML 39Page - Intel Corporation 82X38 Datasheet HTML 40Page - Intel Corporation 82X38 Datasheet HTML 41Page - Intel Corporation 82X38 Datasheet HTML 42Page - Intel Corporation 82X38 Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 342 page
background image
Datasheet
39
System Address Map
3.2.1
ISA Hole (15 MB –16 MB)
A hole can be created at 15 MB–16 MB as controlled by the fixed hole enable in
Device 0 space. Accesses within this hole are forwarded to the DMI Interface. The
range of physical DRAM memory disabled by opening the hole is not remapped to the
top of the memory – that physical DRAM space is not accessible. This 15–16 MB hole is
an optionally enabled ISA hole.
The ISA Hole is used by validation and customer SV teams for some of their test cards.
That is why it is being supported. There is no inherent BIOS request for the 15–16 MB
window.
Figure 4.
Main Memory Address Range
DOS Compatibility Memory
Main Memory
ISA Hole (optional)
Main Memory
Main Memory
TSEG (1MB/2MB/8MB,
optional)
PCI Memory Range
LT
FLASH
APIC
4 GB
0h
0010_0000h
00F0_0000h
0100_0000h
8 GB
FFFF_FFFFh
.
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com