Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMN6TG/PC Datasheet(PDF) 40 Page - STMicroelectronics

Part # M95128-RMN6TG/PC
Description  128 Kbit serial SPI bus EEPROM with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMN6TG/PC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M95128-RMN6TG/PC Datasheet HTML 36Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 37Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 38Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 39Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 40Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 41Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 42Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 43Page - STMicroelectronics M95128-RMN6TG/PC Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Part numbering
M95128, M95128-W, M95128-R
40/44
Doc ID 5798 Rev 13
Table 24.
Available M95128x products (package, voltage range, temperature grade)
Package
M95128-R
(1.8 V to 5.5 V)
M95128-W
(2.5 V to 5.5 V)
M95128
(4.5 V to 5.5 V)
SO8N (MN)
Grade 6
Grade 6
Grade 3(1)
1.
Grade 3 products (without ECC) are codified as /P and /PC in Table 23: Ordering information scheme).
Grade 3(1)
UFDFPN8 (MLP8)
2 × 3 mm (MB)
Grade 6
-
-
TSSOP (DW)
Grade 6
Grade 3(1)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com