Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM117 Datasheet(PDF) 24 Page - STMicroelectronics

Part # LM117
Description  1.2 V to 37 V adjustable voltage regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM117 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LM117_10 Datasheet HTML 17Page - STMicroelectronics LM117_10 Datasheet HTML 18Page - STMicroelectronics LM117_10 Datasheet HTML 19Page - STMicroelectronics LM117_10 Datasheet HTML 20Page - STMicroelectronics LM117_10 Datasheet HTML 21Page - STMicroelectronics LM117_10 Datasheet HTML 22Page - STMicroelectronics LM117_10 Datasheet HTML 23Page - STMicroelectronics LM117_10 Datasheet HTML 24Page - STMicroelectronics LM117_10 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
LM117, LM217, LM317
24/25
Doc ID 2154 Rev 15
8
Revision history
Table 9.
Document revision history
Date
Revision
Changes
01-Sep-2004
10
Mistake VREF ==> VO, tables 1, 4 and 5.
19-Jan-2007
11
D²PAK mechanical data has been updated, add footprint data and the
document has been reformatted.
13-Jun-2007
12
Change values
ΔIADJ and VREF test condition of IO = 10 mA to IMAX ==>
IO = 10 mA to 500 mA on Table 5.
23-Nov-2007
13
Added Table 1.
06-Feb-2008
14
Added: TO-220 mechanical data Figure 14 on page 14 and Table 6 on
page 13.
02-Mar-2010
15
Added: notes Figure 14 on page 14, Figure 15 on page 15, Figure 16 and
Figure 17 on page 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com