Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z500 Datasheet(PDF) 13 Page - Intel Corporation

Part # Z500
Description  Intel Atom Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

Z500 Datasheet(HTML) 13 Page - Intel Corporation

Back Button Z500 Datasheet HTML 9Page - Intel Corporation Z500 Datasheet HTML 10Page - Intel Corporation Z500 Datasheet HTML 11Page - Intel Corporation Z500 Datasheet HTML 12Page - Intel Corporation Z500 Datasheet HTML 13Page - Intel Corporation Z500 Datasheet HTML 14Page - Intel Corporation Z500 Datasheet HTML 15Page - Intel Corporation Z500 Datasheet HTML 16Page - Intel Corporation Z500 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Low Power Features
Datasheet
13
2
Low Power Features
2.1
Clock Control and Low-Power States
The processor supports low power states at the thread level and the core/package
level. Thread states (TCx) loosely correspond to ACPI processor power states (Cx). A
thread may independently enter the TC1/AutoHALT, TC1/MWAIT, TC2, TC4, or TC6
low power states, but this does not always cause a power state transition. Only when
both threads request a low-power state (TCx) greater than the current processor state
will a transition occur. The central power management logic ensures the entire
processor enters the new common processor power state. For processor power states
higher than C1, this would be done by initiating a P_LVLx (P_LVL2 and P_LVL3) I/O
read to the chipset by both threads. Package states are states that require external
intervention and typically map back to processor power states. Package states for the
processor include Normal (C0, C1), Stop Grant and Stop Grant Snoop (C2), Deeper
Sleep (C4), and Deep Power Down Technology (C6).
The processor implements two software interfaces for requesting low power states:
MWAIT instruction extensions with sub-state hints and P_LVLx reads to the ACPI
P_BLK register block mapped in the processor’s I/O address space. The P_LVLx I/O
reads are converted to equivalent MWAIT C-state requests inside the processor and do
not directly result in I/O reads on the processor FSB. The monitor address does not
need to be setup before using the P_LVLx I/O read interface. The sub-state hints used
for each P_LVLx read can be configured in a software programmable MSR by BIOS. If
a thread encounters a chipset break event while STPCLK# is asserted, then it asserts
the PBE# output signal. Assertion of PBE# when STPCLK# is asserted indicates to
system logic that individual threads should return to the C0 state and the processor
should return to the Normal state.
Figure 1 shows the thread low-power states. Figure 2 shows the package low-power
states. Table 2 provides a mapping of thread low-power states to package low power
states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com