Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLA580ECT Datasheet(PDF) 2 Page - Rohm

Part # SLA580ECT
Description  5.0(T-1 3/4) Circular Type High Brightness Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLA580ECT Datasheet(HTML) 2 Page - Rohm

  SLA580ECT Datasheet HTML 1Page - Rohm SLA580ECT Datasheet HTML 2Page - Rohm SLA580ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Emitting Color
Material
Emitting Surface
Dimension(mm)
Part No.
φ5.0
20
100
468
518
35
26
20
20
3.2
3.3
610
1500
3000
8000
120
30
100 1
5
-20 to +80
-30 to +100
Green
10
563
40
2.3
470
200
SLA580BC4T
SLA580ECT
523
36
3.2
2000
4500
SLA580EC4T
SLA-580MT
SLA580BC4T
SLA580ECT
SLA580EC4T
SLA-580MT
75
25
60 2
4
-25 to +85
Directivity (Typ.)
Packaging Specifications (Unit:mm)
Recommended Pad Layout
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Dimensions (Unit:mm)
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
Transparent
Colorless
Tolerance:±0.2
VR
(V)
∆λ
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
Packaging
Blue
Green(Yellowish Green)
GaP
InGaN on SiC
(Unit:mm)
Bulk(3F):1000pcs/Box
1.0
2.0
2.5
±0.1
70
100
170
note) "-" will be taken out for emitting color B/E series.
5
4
(2.5)
CATHODE
φ5.0
φ5.0(T-1 3/4) Circular Type
High Brightness Type <Viewing Angle 2
θ1/2 : 12°>
SLA-580 Series
Blue
SLA580BCT
Green
SLA580BCT
SLA580BC4T
SLA580ECT
SLA580EC4T
SLA-580MT
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
Note) The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications.
2
− 0.5±0.1
4
−0.6 +0.2
−0.1
Green
(Yellowish Green)
1: Duty 1/ 10,1kHz
2: Duty 1/5, pulse width 1ms.
3.3
900
2500
SLA580BCT
10
100
2.5
3.0
3.5
4.0
1
FORWARD VOLTAGE : VF
(V)
1.5
1
0.5
0
20
10
30
0
FORWARD CURRENT : IF
(mA)
f=1kHz
1
1
3.3
10
10
100
1000
10000
PULSE DURATION : Tw
(µs)
20
10
0
40
30
AMBIENT TEMPERATURE : Ta
(
°C)
-20 -10 0 10 20 30 40 50 60 70 80 90 100
20
10
5.0
2.0
1.5
1.0
2.0
2.5
3.0
50
FORWARD VOLTAGE : VF
(V)
Ta=25
°C
1.4
1.2
1.0
0.8
0.6
0.4
-20 -10
0
10
20 30 40 50
60 70
80
CASE TEMPERATURE : Tc
(
°C)
1
2
1.5
2.4
3
4
5
6
10
520
50
10
3
10
2
10
4
PULSE DURATION : Tw
(µs)
1.4
1.2
1.0
0.8
0.6
0.4
-20 -10
0
10 20 30
40 50
70
60
80
IF=20mA
CASE TEMPERATURE : Tc
(
°C)
2
1
0.5
0.2
0.1
0.05
0.02
0.01
12
510
20
50
100
5
FORWARD CURRENT : IF
(mA)
Ta=25
°C
SLA580BCT
SLA580ECT
SLA580BC4T
SLA580EC4T
----
SLA580BCT
SLA580ECT
SLA580BC4T
SLA580EC4T
----
SLA-580MT
----
SLA-580MT
----
SLA-580MT
----
SLA-580MT
----
SLA-580MT
----
SLA580BCT
SLA580ECT
SLA580BC4T
SLA580EC4T
----
SLA580BCT
SLA580ECT
SLA580BC4T
SLA580EC4T
----
SLA580BCT
SLA580ECT
SLA580BC4T
SLA580EC4T
----
IF=20mA
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
SLA580
∗∗∗
SLA-580
∗∗∗
Rev.C
Rev.C
40
30
20
10
0
-25 -20 -10 050
40
30
20
10
60 70 80 90
AMBIENT TEMPERATURE : Ta
(
°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com