Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML012ECT Datasheet(PDF) 1 Page - Rohm

Part # SML012ECT
Description  SML-01 Series Reflector improved the concentration of viewing angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML012ECT Datasheet(HTML) 1 Page - Rohm

  SML012ECT Datasheet HTML 1Page - Rohm SML012ECT Datasheet HTML 2Page - Rohm SML012ECT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
1.6
3.0
Cathode mark
Terminal
0.3
0.5
1.3
1.6
2.3
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y
X
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
0
50
100
50
100
0°
30°
60°
90°
30°
60°
90°
Y’
X’
ANGULAR DISPLACEMENT (deg)
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
RELATIVE INTENSITY (%)
10°
10°
20°
20°
40°
50°
70°
80°
40°
50°
70°
80°
050
100
50
100
0°
30°
60°
90°
30°
60°
90°
SCANNING ANGLE (deg)
Y
X
SML-01 Series / SML-01
(A)Series / SML-012 Series
SML-013 UT / YT
* 1:Duty1/10, 1kHz / * 2:Reference
Part No.
Chip
Structure
Emitting
Color
Absolute Maximum Ratings (Ta
=25℃)
Electrical and Optical Characteristics (Ta
=25℃)
Power
Dissipation
PD(mW)
Forward
Current
IF(mA)
Peak Forward
Current
IFP(mA)
Reverse
Voltage
VR(V)
Operating
Temperature
Topr(
℃)
Storage
Temperature
Tstg(
℃)
Forward Voltage VF Reverse Current IR Dominant Wavelength
λD Luminous Intensity IV
Typ.(V) IF(mA)
Max.
(
μA)
VR(V)
Min.*
2
(nm)
Typ.
(nm)
Max.*
2
(nm)
IF(mA)
Min.
(mcd)
Typ.
(mcd)
IF(mA)
■
SML-012VT(A)
AIGaInP
on GaAs
Red
75
30
100
*1
5
-40 to +100
-40 to +100
2
20
10
5
626
630
636
20
35.5
71
20
■
SML-012V8T
54
20
-40 to +85
2.2
625
635
25
63
■
SML-013UT
75
30
-30 to +85
2
619
624
629
90
220
■
SML-012U8T
54
20
-40 to +85
2.2
615
620
625
40
100
■
SML-012UT
75
30
-40 to +100
2
36
100
■
SML-011UT
22
63
■
SML-012D8T
Orange
54
20
-40 to +85
2.2
602
605
608
63
160
■
SML-012DT
75
30
-40 to +100
2
36
100
■
SML-011DT
22
63
■
SML-012WT(A)
Yellow
587
590
593
140
280
■
SML-012Y8T
54
20
-40 to +85
2.2
40
100
■
SML-013YT
75
30
2.1
100
250
■
SML-012YT
-40 to +100
2
36
100
■
SML-011YT
22
63
■
SML-012M8T
Yellowish
Green
54
20
-40 to +85
2.2
569
572
575
16
40
■
SML-012P8T
Green
557
560
563
2.5
6.3
■
SML-012PT(A)
62
25
60
*1
-40 to +100
2.1
558
564
9
18
■
SML012ECT
InGaN
on SiC
Bluish
Green
84
20
100
*1
-30 to +85
3.3
100
520
525
535
140
360
■
SML012EC4T
3.2
56
140
■
SML013BDT
Blue
78
465
470
475
90
250
■
SML012BCT
84
3.3
36
100
■
SML012BC4T
3.2
22
36
■
■
SML013WBDW
White
(x, y) (0.30, 0.30)
360
900
Tolerance :
±0.2
(unit : mm)(unit : mm)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
Directivity (deg)
RELATIVE INTENSITY (%)
SML-013BDT / WBDW
Specifications
Dimensions
Recommended Solder Pattern Viewing Angle
Color
Type
V
U
D
Y
W
M
P
E
B
WB
SML-01 Series
Features
・Reflector type (3.0×2.0mm, t=1.3mm)
・Reflector improved the concentration of viewing angle and
luminous intensity to the front direction
3020
(1208)
3.0
×2.0mm(t=1.3mm)
1/2
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.06 - Rev.A


Similar Part No. - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML012ECT ROHM-SML012ECT Datasheet
349Kb / 3P
High Brightness Type Chip LEDs with reflector
SML012ECT ROHM-SML012ECT Datasheet
2Mb / 5P
Reflector type (3.0 x 2.0mm, t=1.3mm
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012ECT ROHM-SML012ECT Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML012ECT ROHM-SML012ECT Datasheet
120Kb / 3P
Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
More results

Similar Description - SML012ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012DTT86 ROHM-SML-012DTT86 Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012UTT86 ROHM-SML-012UTT86 Datasheet
1Mb / 5P
Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML013BDTT86 ROHM-SML013BDTT86 Datasheet
497Kb / 10P
SML-01 series
logo
LUMEX INC.
SML-LX2735SOC-TR LUMEX-SML-LX2735SOC-TR Datasheet
97Kb / 2P
2.7MM X 3.5MM SML W REFLECTOR
SML-LX2735USBC-TR LUMEX-SML-LX2735USBC-TR Datasheet
96Kb / 2P
2.7MM X 3.5MM SML W REFLECTOR
SML-LX2832MWC1TRM3 LUMEX-SML-LX2832MWC1TRM3 Datasheet
104Kb / 2P
2.8MM X 3.2MM SML W REFLECTOR
SML-LX2832MWC-TR LUMEX-SML-LX2832MWC-TR Datasheet
182Kb / 2P
2.8MM X 3.2MM SML W REFLECTOR
SML-LX2832PGC-A-TR LUMEX-SML-LX2832PGC-A-TR Datasheet
100Kb / 2P
2.7MM X 3.4MM SML W REFLECTOR
SML-LX2832SYC-B-TR LUMEX-SML-LX2832SYC-B-TR Datasheet
108Kb / 1P
2.8mm X 3.2mm SML w Reflector
SML-LX2832SYC-TR LUMEX-SML-LX2832SYC-TR_17 Datasheet
144Kb / 1P
2.8mm X 3.2mm SML w Reflector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com