Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C32-R Datasheet(PDF) 37 Page - STMicroelectronics

Part # M24C32-R
Description  32 Kbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-R Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M24C32-R Datasheet HTML 30Page - STMicroelectronics M24C32-R Datasheet HTML 31Page - STMicroelectronics M24C32-R Datasheet HTML 32Page - STMicroelectronics M24C32-R Datasheet HTML 33Page - STMicroelectronics M24C32-R Datasheet HTML 34Page - STMicroelectronics M24C32-R Datasheet HTML 35Page - STMicroelectronics M24C32-R Datasheet HTML 36Page - STMicroelectronics M24C32-R Datasheet HTML 37Page - STMicroelectronics M24C32-R Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
M24C32-W M24C32-R M24C32-F
Revision history
Doc ID 4578 Rev 17
37/38
05-Jan-2009
16
I2C modes supported specified in Features on page 1.
Note removed from Table 15: DC characteristics (M24xxx-F). Small text
changes.
07-Dec-2009
17
64 and 128 Kbit densities removed.
ECOPACK status of packages specified on page 1 and in Table 21:
Ordering information scheme.
Section 2.6.2: Power-up conditions updated.
Figure 4: Maximum RP value versus bus parasitic capacitance (C) for an
I2C bus updated. ECC section removed.
tNS modified in Table 11: Input parameters.
ICC1 and VIH updated in Table 12: DC characteristics (M24xxx-W, device
grade 6), Table 13: DC characteristics (M24xxx-W, device grade 3),
Table 14: DC characteristics (M24xxx-R - device grade 6) and Table 15:
DC characteristics (M24xxx-F). Note added to Table 14: DC
characteristics (M24xxx-R - device grade 6).
Table 16: AC characteristics modified.
Figure 12: AC waveforms modified.
Note added below Figure 16: UFDFPN8 (MLP8) – 8-lead ultra thin fine
pitch dual flat package no lead 2 × 3mm, package outline.
Small text changes.
Table 23.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com