Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CWS Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SD103CWS
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD103CWS Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SD103CWS Datasheet HTML 1Page - EIC discrete Semiconductors SD103CWS Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS - SD103CWS
SCHOTTKY BARRIER DIODES
FEATURES :
* For general purpose applications
* The SD103 series is a metal-on-silicon
Schottky barrier device which is
protected by a PN junction guard ring.
* The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing and coupling diodes for fast
switching and low logic level applications.
* These diodes are also available in the MiniMELF case
with type designations LL103A thru LL103C.
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SOD-323 plastic Case
* Weight : approx. 0.004 g
* SD103AWS Marking Code : S4
* SD103BWS Marking Code : S5
* SD103CWS Marking Code : S6
Maximum Ratings and Thermal Characteristics (T
C = 25 °C unless otherwise noted)
Symbol
Value
Unit
SD103AWS
40
SD103BWS
30
SD103CWS
20
Maximum Single Cycle Surge 10 µs Square Wave
IFSM
2A
Power Dissipation (Infinite Heat Sink)
Ptot
150
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
650
(1)
°C/W
Junction Temperature
TJ
125
(1)
°C
Storage temperature range
TSTG
-55 to + 150
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
SD103AWS
VR = 30 V
--
5
SD103BWS
VR = 20 V
--
5
SD103CWS
VR = 10 V
--
5
IF = 20mA
-
-
0.37
IF = 200mA
-
-
0.60
Junction Capacitance
Ctot
-
50
-
pF
IF = IR = 50mA to 200mA
recover to 0.1IR
Note:
(1) Valid provided that electrodes are kept at ambient temperature.
Page 1 of 2
Rev. 01 : May 4, 2006
Test Condition
Reverse Current
IR
Forward Voltage Drop
V
Parameter
VRRM
Repetitive Peak Reverse Voltage
μA
VF
V
VR = 0 V, f = 1MHz
Reverse Recovery Time
Trr
ns
-10
-
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 7 - 2
logo
General Semiconductor
SD103CWS GE-SD103CWS Datasheet
130Kb / 3P
SCHOTTKY DIODES
logo
Weitron Technology
SD103CWS WEITRON-SD103CWS Datasheet
73Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Diodes Incorporated
SD103CWS DIODES-SD103CWS Datasheet
406Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30101 Rev. 14 - 2
More results

Similar Description - SD103CWS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com