Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPR1620CG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPR1620CG
Description  ULTRA-FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPR1620CG Datasheet(HTML) 7 Page - STMicroelectronics

  STPR1620CG Datasheet HTML 1Page - STMicroelectronics STPR1620CG Datasheet HTML 2Page - STMicroelectronics STPR1620CG Datasheet HTML 3Page - STMicroelectronics STPR1620CG Datasheet HTML 4Page - STMicroelectronics STPR1620CG Datasheet HTML 5Page - STMicroelectronics STPR1620CG Datasheet HTML 6Page - STMicroelectronics STPR1620CG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
7/7
STPR1620CG / STPR1620CT / STPR1620CR
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2002 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TO-220AB (JEDEC outline)
M
H2
L2
A
C
L4
F1(x2)
D
F2
F
G
L9
L6
L7
L5
G1
E
Dia
OPTIONAL
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.30
4.60
0.169
0.181
C
1.22
1.32
0.048
0.052
D
2.40
2.72
0.094
0.107
E
0.33
0.70
0.013
0.028
F
0.61
0.93
0.024
0.037
F1
1.14
1.70
0.045
0.067
F2
1.14
1.70
0.045
0.067
G
4.95
5.15
0.195
0.202
G1
2.40
2.70
0.094
0.106
H2
10.00
10.40
0.394
0.409
L2
16.00 Typ.
0.630 Typ.
L4
13.00
14.00
0.512
0.551
L5
2.65
2.95
0.104
0.116
L6
14.80
15.75
0.583
0.620
L7
6.20
6.60
0.244
0.260
L9
3.40
3.94
0.134
0.155
M
2.60 Typ.
0.102 Typ.
Dia.
3.75
3.89
0.148
0.153
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPR1620CT
STPR1620CT
TO-220AB
2.23 g
50
Tube
STPR1620CG
STPR1620CG
D
2PAK
1.48 g
50
Tube
STPR1620CG-TR
STPR1620CG
D
2PAK
1.48 g
1000
Tape & reel
STPR1620CR
STPR1620
I
2PAK
1.49 g
50
Tube
s
Cooling method : by conduction (C)
s
Recommended torque value : 0.55N.m.
s
Maximum torque value : 0.7N.m.
s
Epoxy meets UL94,V0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com