Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5N07 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET IIfully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VND5N07_08 Datasheet HTML 15Page - STMicroelectronics VND5N07_08 Datasheet HTML 16Page - STMicroelectronics VND5N07_08 Datasheet HTML 17Page - STMicroelectronics VND5N07_08 Datasheet HTML 18Page - STMicroelectronics VND5N07_08 Datasheet HTML 19Page - STMicroelectronics VND5N07_08 Datasheet HTML 20Page - STMicroelectronics VND5N07_08 Datasheet HTML 21Page - STMicroelectronics VND5N07_08 Datasheet HTML 22Page - STMicroelectronics VND5N07_08 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
VND5N07
Package and packing information
19/24
Table 10.
DPAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.64
0.90
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D
6.00
6.20
D1
5.1
E
6.40
6.60
E1
4.7
e2.28
G
4.40
4.60
H
9.35
10.10
L2
0.8
L4
0.60
1.00
R0.2
V2
0°
8°
Package weight
Gr. 0.29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com