Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND5N07 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VND5N07
Description  OMNIFET IIfully autoprotected Power MOSFET
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5N07 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VND5N07 Datasheet HTML 3Page - STMicroelectronics VND5N07 Datasheet HTML 4Page - STMicroelectronics VND5N07 Datasheet HTML 5Page - STMicroelectronics VND5N07 Datasheet HTML 6Page - STMicroelectronics VND5N07 Datasheet HTML 7Page - STMicroelectronics VND5N07 Datasheet HTML 8Page - STMicroelectronics VND5N07 Datasheet HTML 9Page - STMicroelectronics VND5N07 Datasheet HTML 10Page - STMicroelectronics VND5N07 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
VND5N07
Electrical specifications
7/24
2.3
Electrical characteristics
Tcase = 25°C unless otherwise stated.
Table 4.
Off
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCLAMP
Drain-Source clamp
voltage
VIN = 0V; ID = 200mA
60
70
80
V
VCLTH
Drain-Source
threshold voltage
VIN = 0V; ID = 2mA
55
V
IISS
Supply current from
input pin
VDS = 0V; VIN = 10V
250
500
µA
VINCL
Input-Source reverse
clamp voltage
IIN = 1mA
-1.0
-0.3
V
IDSS
Zero input voltage
drain current
(VIN=0V)
VDS = 13V; VIN = 0V;
VDS = 25V; VIN = 0V
50
200
µA
µA
Table 5.
On(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
RDS(on)
Static Drain-Source
on resistance
VIN =10V; ID = 2.5A;
VIN = 5V; ID = 2.5A
200
280
m
Ω
VIN(th)
Input threshold
voltage
VDS = Vin; ID + Iin = 1 mA
0.8
3
V
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%.
Forward
transconductance
VDS = 13V; ID = 2.5A
3
4
S
COSS
Output capacitance
VDS = 13V; f = 1MHz; VIN = 0V
200
300
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com