Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RU4AM Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RU4AM
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RU4AM Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RU4AM Datasheet HTML 1Page - EIC discrete Semiconductors RU4AM Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RU4M - RU4AM
FAST RECOVERY RECTIFIERS
PRV : 400 - 600 Volts
Io : 2.0 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
MECHANICAL DATA :
* Case : DO-201AD Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.21 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RU4M
RU4AM
UNIT
Maximum Peak Reverse Voltage
VRM
400
600
V
Maximum Peak Reverse Surge Voltage
VRSM
400
600
V
Maximum Average Forward Current Ta = 60
°C
IF(AV)
2.0 ( 3.5 With Heatsink )
A
Maximum Peak Forward Surge Current
( 50 Hz, Half-cycle, Sine wave, Single Shot )
Maximum Forward Voltage at IF = 3.5 A
VF
1.3
V
Maximum Reverse Current at VR = VRM
Ta = 25
°C
IR
10
µA
Maximum Reverse Current at VR = VRM
Ta = 100
°C
IR(H)
300
µA
Maximum Reverse Recovery Time (Note 1)
Trr
0.4
µs
Junction Temperature Range
TJ
- 40 to + 150
°C
Storage Temperature Range
TSTG
- 40 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 100 mA, IRP = 100 mA.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
IFSM
70
A
DO-201AD
0.3.75 (9.53)
0.285 (7.24)
0.21 (5.33)
0.19 (4.83)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )
* Pb / RoHS Free


Similar Part No. - RU4AM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RU4AM SANKEN-RU4AM Datasheet
18Kb / 1P
Fast-Recovery Rectifier Diodes
RU4AM SANKEN-RU4AM Datasheet
78Kb / 2P
Fast-Recovery Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RU4AM BILIN-RU4AM Datasheet
54Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Gulf Semiconductor
RU4AM GULFSEMI-RU4AM Datasheet
88Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 800V CURRENT:3.0A
logo
Rugao Dachang Electroni...
RU4AM DACHANG-RU4AM Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 200 to 600V Forward Current 3.5A
More results

Similar Description - RU4AM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com