Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD112 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MJD112
Description  Complementary power Darlington transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD112 Datasheet(HTML) 4 Page - STMicroelectronics

  MJD112 Datasheet HTML 1Page - STMicroelectronics MJD112 Datasheet HTML 2Page - STMicroelectronics MJD112 Datasheet HTML 3Page - STMicroelectronics MJD112 Datasheet HTML 4Page - STMicroelectronics MJD112 Datasheet HTML 5Page - STMicroelectronics MJD112 Datasheet HTML 6Page - STMicroelectronics MJD112 Datasheet HTML 7Page - STMicroelectronics MJD112 Datasheet HTML 8Page - STMicroelectronics MJD112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
MJD112, MJD117
4/10
Doc ID 3540 Rev 3
2.1
Typical characteristic (curves)
Figure 2.
DC current gain
(VCE = 3 V NPN)
Figure 3.
DC current gain
(VCE = - 3 V PNP)
Figure 4.
DC current gain
(VCE = 5 V NPN)
Figure 5.
DC current gain
(VCE = - 5 V PNP)
Figure 6.
Collector-emitter saturation
voltage (NPN)
Figure 7.
Collector-emitter saturation
voltage (PNP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com