Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # S2D
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

S2D Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  S2D Datasheet HTML 1Page - EIC discrete Semiconductors S2D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( S2A - S2M )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
46
10
20
40
60
100
LEAD TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
Page 2 of 2
Rev. 02 : March 25, 2005
1.0
0.5
1.5
10
1.0
40
0
50
0
30
20
10
1.0
80
0.1
0.01
10
0.1
120
0
20
40
60
REVERSE VOLTAGE, VOLTS
Ta = 25
°C
Ta = 125
°C
TL = 100°C
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.01
60 Hz RESISTIVE OR
INDUCTIVE LOAD
P.C. board mounted on 5.0 mm²
COPPER LAND AREAS
100
0.1
0.01
1
10
100
10
100
1
TJ = 25°C
f = 1.0 MHZ
Vsig = 50mVp-p
140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com